データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZJZ1V270RA データシート(PDF) 2 Page - Panasonic Semiconductor

部品番号 EZJZ1V270RA
部品情報  Multilayer Varistor for ESD pulse
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PANASONIC [Panasonic Semiconductor]
ホームページ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZJZ1V270RA データシート(HTML) 2 Page - Panasonic Semiconductor

  EZJZ1V270RA Datasheet HTML 1Page - Panasonic Semiconductor EZJZ1V270RA Datasheet HTML 2Page - Panasonic Semiconductor EZJZ1V270RA Datasheet HTML 3Page - Panasonic Semiconductor EZJZ1V270RA Datasheet HTML 4Page - Panasonic Semiconductor EZJZ1V270RA Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Varistors
– EC61 –
1000
100
10
10–6
10–5
10–4
10–3
Current (A)
Max. Leakage Current
EZJZ V171AA
EZJZ V171AA
EZJZ V800AA
EZJZ
V800AA
EZJZ V500A
A
EZJZ
V500AA
Max. Clamping Voltage
10–2
10–1
100
101
Features
● Multilayer monolithic ceramic construction for high
speed signal lines
● Ideal usage for USB 2.0, IEEE1394, and HDMI high
speed data busses
● Capacitance : 0.8 to 2.1 pF typ.
Multilayer Varistor, Low Capacitance Type
[High speed signal lines]
Recommended Applications
Mobile phone
Antenna circuit, External IF
DSC, DVC
USB2.0, IEEE1394
PC, PDA
USB2.0, IEEE1394, LAN1000BASE
TV, DVD
USB2.0, IEEE1394, HDMI
Game console
Controller, External IF
Ratings and Characteristics
Size
Part No.
Maximum
allowable voltage
DC (V)
Nominal varistor
voltage
at 1mA (V)
Capacitance (pF)
at 1MHz
Maximum ESD
IEC61000-4-2
0402
EZJZ0V80010
10
80
1 max. [0.8 typ.]
Contact discharge : 8kV
EZJZ0V80015D
580
1.5±0.5
EZJZ0V500AA
550
3 max. [2.1 typ.]
EZJZ0V800AA
18
80
3 max. [2.1 typ.]
EZJZ0V171AA
18
170
3 max. [2.1 typ.]
0603
EZJZ1V80010
10
80
1 max. [0.8 typ.]
EZJZ1V500AA
550
3 max. [2.1 typ.]
EZJZ1V800AA
18
80
3 max. [2.1 typ.]
EZJZ1V171AA
18
170
3 max. [2.1 typ.]
● Operating Temperature Range : –40 to 85 °C
✽ Recommend soldering method : Reflow soldering
Voltage vs. Current
Jul. 2008
01


同様の部品番号 - EZJZ1V270RA

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZ1V270RA PANASONIC-EZJZ1V270RA Datasheet
169Kb / 5P
   Multilayer Varistors
EZJZ1V270RA PANASONIC-EZJZ1V270RA Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
EZJZ1V270RA PANASONIC-EZJZ1V270RA Datasheet
172Kb / 8P
   Multilayer Varistors
EZJZ1V270RAB PANASONIC-EZJZ1V270RAB Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
EZJZ1V270RAB PANASONIC-EZJZ1V270RAB Datasheet
172Kb / 8P
   Multilayer Varistors
More results

同様の説明 - EZJZ1V270RA

メーカー部品番号データシート部品情報
logo
Panasonic Semiconductor
EZJZZV270AA PANASONIC-EZJZZV270AA Datasheet
172Kb / 8P
   Multilayer Varistor for ESD pulse
EZJS1VB822 PANASONIC-EZJS1VB822 Datasheet
92Kb / 2P
   Multilayer Varistor for ESD pulse [DC voltage lines]
logo
Cooper Bussmann, Inc.
MLVA02V05C033-R COOPER-MLVA02V05C033-R Datasheet
386Kb / 5P
   Multilayer varistor ESD suppressor
MLVB04V18C0R5 COOPER-MLVB04V18C0R5 Datasheet
350Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVA-R EATON-MLVA-R Datasheet
387Kb / 5P
   Multilayer varistor ESD suppressor
logo
Cooper Bussmann, Inc.
MLVA02V05C033 COOPER-MLVA02V05C033 Datasheet
327Kb / 2P
   Multilayer Varistor ESD Suppressor
logo
Eaton All Rights Reserv...
MLVB EATON-MLVB Datasheet
339Kb / 2P
   Multilayer varistor ESD suppressor
logo
Shanghai Leiditech Elec...
L0603-3220A LEIDITECH-L0603-3220A Datasheet
430Kb / 4P
   ESD-SMD Multilayer chip Varistor
logo
List of Unclassifed Man...
MV04E050T101 ETC-MV04E050T101 Datasheet
240Kb / 9P
   Multilayer Chip Varistor for Surge
MV04L04T-080 ETC-MV04L04T-080 Datasheet
322Kb / 9P
   Multilayer Chip Varistor for Surge
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com