データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDG326P データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDG326P
部品情報  P-Channel 1.8V Specified PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG326P データシート(HTML) 3 Page - Fairchild Semiconductor

  FDG326P Datasheet HTML 1Page - Fairchild Semiconductor FDG326P Datasheet HTML 2Page - Fairchild Semiconductor FDG326P Datasheet HTML 3Page - Fairchild Semiconductor FDG326P Datasheet HTML 4Page - Fairchild Semiconductor FDG326P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDG326P Rev D(W)
Typical Characteristics
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
-VDS, DRAIN-SOURCE VOLTAGE (V)
-1.5V
-2.5V
-2.0V
-1.8V
V
GS = -4.5V
-3.0V
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0123456
-ID, DRAIN CURRENT (A)
VGS = -1.8V
-2.0V
-3.0V
-4.5V
-2.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
I
D = -1.5A
V
GS = -4.5V
0.05
0.1
0.15
0.2
0.25
0.3
0.35
12
34
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -0.8 A
TA = 125
oC
T
A = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
1
2
3
4
5
6
0.5
1
1.5
2
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
V
DS = -5V
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
T
A = 125
oC
25
oC
-55
oC
V
GS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


同様の部品番号 - FDG326P

メーカー部品番号データシート部品情報
logo
Texas Instruments
FDG326P TI-FDG326P Datasheet
1Mb / 29P
[Old version datasheet]   Triple-Supply Power Management IC for Powering FPGAs and DSPs
More results

同様の説明 - FDG326P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
   P-Channel 1.8V Specified PowerTrench MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
logo
Fairchild Semiconductor
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
   P-Channel 1.8V Specified PowerTrench??MOSFET
FDG330P FAIRCHILD-FDG330P Datasheet
150Kb / 5P
   P-Channel 1.8V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com