データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDG6320C データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FDG6320C
部品情報  Dual N & P Channel Digital FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6320C データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FDG6320C Datasheet HTML 4Page - Fairchild Semiconductor FDG6320C Datasheet HTML 5Page - Fairchild Semiconductor FDG6320C Datasheet HTML 6Page - Fairchild Semiconductor FDG6320C Datasheet HTML 7Page - Fairchild Semiconductor FDG6320C Datasheet HTML 8Page - Fairchild Semiconductor FDG6320C Datasheet HTML 9Page - Fairchild Semiconductor FDG6320C Datasheet HTML 10Page - Fairchild Semiconductor FDG6320C Datasheet HTML 11Page - Fairchild Semiconductor FDG6320C Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
SC70-6 Unit Orientation
SC70-6 Packaging
Configuration: Figure 1.0
Components
Leader Tape
500mm minimum or
125 empty pockets
Trailer Tape
300mm minimum or
75 empty pockets
SC70-6 Tape Leader and Trailer
Configuration: Figure 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SC70-6 Packaging Information
Standard
(no flow code)
D87Z
Packaging type
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
184x187x47
343x343x64
Max qty per Box
9,000
30,000
Weight per unit (gm)
0.0055
0.0055
Weight per Reel (kg)
0.1140
0.3960
F63TNR
Label
Customized Label
Antistatic Cover Tape
184mm x 187mm x 47mm
Pizza Box for Standard Option
F63TNR
Label
F63TNR Barcode Label
F63TNR Label sample
343mm x 342mm x 64mm
Intermediate box for D87Z Option
21
21
21
21
F63TNR
Label
21
Pin 1
LOT: CBVK741B019
FSID: FDG6302P
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
Packaging Description:
SC70-6 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a pizza box (illustrated in figure 1.0) made of
recyclable corrugated brown paper with a Fairchild logo
printing. One pizza box contains three reels maximum.
And these pizza boxes are placed inside a barcode
labeled shipping box which comes in different sizes
depending on the number of parts shipped.
Static Dissipative
Embossed Carrier Tape
SC70-6 Tape and Reel Data and Package Dimensions
August 1999, Rev. C


同様の部品番号 - FDG6320C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6321 FAIRCHILD-FDG6321 Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
logo
VBsemi Electronics Co.,...
FDG6321C VBSEMI-FDG6321C Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
More results

同様の説明 - FDG6320C

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com