データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP2441-EVALZ データシート(PDF) 6 Page - Analog Devices

部品番号 ADP2441-EVALZ
部品情報  The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP2441-EVALZ データシート(HTML) 6 Page - Analog Devices

Back Button ADP2441-EVALZ Datasheet HTML 2Page - Analog Devices ADP2441-EVALZ Datasheet HTML 3Page - Analog Devices ADP2441-EVALZ Datasheet HTML 4Page - Analog Devices ADP2441-EVALZ Datasheet HTML 5Page - Analog Devices ADP2441-EVALZ Datasheet HTML 6Page - Analog Devices ADP2441-EVALZ Datasheet HTML 7Page - Analog Devices ADP2441-EVALZ Datasheet HTML 8Page - Analog Devices ADP2441-EVALZ Datasheet HTML 9Page - Analog Devices ADP2441-EVALZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
UG-407
ADP2441-EVALZ User Guide
Rev. 0 | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Efficiency vs. Load Current, VOUT = 5 V, fSW = 500 kHz
Figure 6. Efficiency vs. Load Current, VOUT = 3.3 V, fSW = 500 kHz
Figure 7. Load Regulation, VOUT = 5 V, fSW = 500 kHz
Figure 8. Line Regulation, VOUT = 5 V, fSW = 500 kHz
Figure 9. Pulse Skip Waveform
VIN = 24 V; VOUT = 5 V, fSW = 500 kHz, No Load
Figure 10. PWM Waveform, VIN = 24 V, VOUT = 5 V, fSW = 500K, Load = 1 A
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
LOAD (A)
VIN = 12V
VIN = 24V
VIN = 36V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
LOAD (A)
VIN = 5V
VIN = 12V
VIN = 24V
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
LOAD (A)
5.001
5.003
5.005
5.007
5.009
5.011
5.013
5.015
VIN = 12V
VIN = 24V
VIN = 36V
VIN (V)
4.985
4.990
4.995
5.000
5.005
5.010
5.015
5.020
8
13
18
23
28
33
38
NO LOAD
LOAD 1A
CH1 100mV
CH2 10V
M20µs
A CH4
150mA
1
4
2
T
46.8%
B
W
CH4 500mA
VOUT
SW
SW
INDUCTOR CURRENT
CH1 50mV
CH2 10V
M2µs
A CH2
7.6V
1
4
2
T
46.8%
B
W
CH4 500mA
VOUT
INDUCTOR CURRENT
SW
SW


同様の部品番号 - ADP2441-EVALZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
More results

同様の説明 - ADP2441-EVALZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADP2116 AD-ADP2116 Datasheet
2Mb / 36P
   Configurable, Dual 3 A/Single 6 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
ADP2114 AD-ADP2114 Datasheet
2Mb / 40P
   Configurable, Dual 2 A/Single 4 A, Synchronous Step-Down DC-to-DC Regulator
REV. 0
ADP2441 AD-ADP2441 Datasheet
1Mb / 32P
   36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
REV. A
logo
Texas Instruments
AN-1876 TI-AN-1876 Datasheet
319Kb / 5P
[Old version datasheet]   The LM2841 is a PWM DC/DC buck (step-down) regulator.
AN-1908 TI-AN-1908 Datasheet
359Kb / 5P
[Old version datasheet]   The LM2842 is a PWM DC/DC buck (step-down) regulator.
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Analog Devices
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com