データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SZNUP2105LT3G データシート(PDF) 2 Page - ON Semiconductor

部品番号 SZNUP2105LT3G
部品情報  Dual Line CAN Bus Protector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP2105LT3G データシート(HTML) 2 Page - ON Semiconductor

  SZNUP2105LT3G Datasheet HTML 1Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 2Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 3Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 4Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 5Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 6Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 7Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
NUP2105L, SZNUP2105L
http://onsemi.com
2
MAXIMUM RATINGS (TJ = 25C, unless otherwise specified)
Symbol
Rating
Value
Unit
PPK
Peak Power Dissipation
8 x 20 ms Double Exponential Waveform (Note 1)
350
W
TJ
Operating Junction Temperature Range
−55 to 150
C
TJ
Storage Temperature Range
−55 to 150
C
TL
Lead Solder Temperature (10 s)
260
C
ESD
Human Body model (HBM)
Machine Model (MM)
IEC 61000−4−2 Specification (Contact)
16
400
30
kV
V
kV
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Non−repetitive current pulse per Figure 1.
ELECTRICAL CHARACTERISTICS (TJ = 25C, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VRWM
Reverse Working Voltage
(Note 2)
24
V
VBR
Breakdown Voltage
IT = 1 mA (Note 3)
26.2
32
V
IR
Reverse Leakage Current
VRWM = 24 V
15
100
nA
VC
Clamping Voltage
IPP = 5 A (8 x 20 ms Waveform)
(Note 4)
40
V
VC
Clamping Voltage
IPP = 8 A (8 x 20 ms Waveform)
(Note 4)
44
V
IPP
Maximum Peak Pulse Current
8 x 20 ms Waveform (Note 4)
8.0
A
CJ
Capacitance
VR = 0 V, f = 1 MHz (Line to GND)
30
pF
2. TVS devices are normally selected according to the working peak reverse voltage (VRWM), which should be equal or greater than the DC
or continuous peak operating voltage level.
3. VBR is measured at pulse test current IT.
4. Pulse waveform per Figure 1.
ORDERING INFORMATION
Device
Package
Shipping
NUP2105LT1
SOT−23
3,000 / Tape & Reel
NUP2105LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
SZNUP2105LT1G
SOT−23
(Pb−Free)
3,000 / Tape & Reel
NUP2105LT3
SOT−23
10,000 / Tape & Reel
NUP2105LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
SZNUP2105LT3G
SOT−23
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


同様の部品番号 - SZNUP2105LT3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SZNUP2105L ONSEMI-SZNUP2105L Datasheet
75Kb / 7P
   Dual Line CAN Bus Protector
April, 2017 ??Rev. 8
More results

同様の説明 - SZNUP2105LT3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
   Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
   Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
   Dual Line CAN Bus Protector
logo
Diodes Incorporated
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
   Dual Line CAN Bus Protector
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L_05 Datasheet
77Kb / 8P
   Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
   Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com