データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SZNUP2105LT3G データシート(PDF) 4 Page - ON Semiconductor

部品番号 SZNUP2105LT3G
部品情報  Dual Line CAN Bus Protector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SZNUP2105LT3G データシート(HTML) 4 Page - ON Semiconductor

  SZNUP2105LT3G Datasheet HTML 1Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 2Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 3Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 4Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 5Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 6Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 7Page - ON Semiconductor SZNUP2105LT3G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NUP2105L, SZNUP2105L
http://onsemi.com
4
APPLICATIONS
Background
The Controller Area Network (CAN) is a serial
communication protocol designed for providing reliable
high speed data transmission in harsh environments. TVS
diodes provide a low cost solution to conducted and radiated
Electromagnetic Interference (EMI) and Electrostatic
Discharge (ESD) noise problems. The noise immunity level
and reliability of CAN transceivers can be easily increased
by adding external TVS diodes to prevent transient voltage
failures.
The NUP2105L provides a transient voltage suppression
solution for CAN data communication lines. The
NUP2105L is a dual bidirectional TVS device in a compact
SOT−23 package. This device is based on Zener technology
that optimizes the active area of a PN junction to provide
robust protection against transient EMI surge voltage and
ESD. The NUP2105L has been tested to EMI and ESD
levels that exceed the specifications of popular high speed
CAN networks.
CAN Physical Layer Requirements
Table 1 provides a summary of the system requirements
for a CAN transceiver. The ISO 11898−2 physical layer
specification forms the baseline for most CAN systems. The
transceiver requirements for the HoneywellSmart
Distribution
Systems
(SDS)
and
Rockwell
(Allen−Bradley) DeviceNet high speed CAN networks
are similar to ISO 11898−2. The SDS and DeviceNet
transceiver requirements are similar to ISO 11898−2;
however, they include minor modifications required in an
industrial environment.
Table 1. Transceiver Requirements for High−Speed CAN Networks
Parameter
ISO 11898−2
SDS Physical Layer
Specification 2.0
DeviceNet
Min / Max Bus Voltage
(12 V System)
−3.0 V / 16 V
11 V / 25 V
Same as ISO 11898−2
Common Mode Bus Voltage
CAN_L:
−2.0 V (min)
2.5 V (nom)
CAN_H:
2.5 V (nom)
7.0 V (max)
Same as ISO 11898−2
Same as ISO 11898−2
Transmission Speed
1.0 Mb/s @ 40 m
125 kb/s @ 500 m
Same as ISO 11898−2
500 kb/s @ 100 m
125 kb/s @ 500 m
ESD
Not specified, recommended
w $8.0 kV (contact)
Not specified, recommended
w $8.0 kV (contact)
Not specified, recommended
w $8.0 kV (contact)
EMI Immunity
ISO 7637−3, pulses ‘a’ and ‘b’
IEC 61000−4−4 EFT
Same as ISO 11898−2
Popular Applications
Automotive, Truck, Medical
and Marine Systems
Industrial Control Systems
Industrial Control Systems


同様の部品番号 - SZNUP2105LT3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
SZNUP2105L ONSEMI-SZNUP2105L Datasheet
75Kb / 7P
   Dual Line CAN Bus Protector
April, 2017 ??Rev. 8
More results

同様の説明 - SZNUP2105LT3G

メーカー部品番号データシート部品情報
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L Datasheet
57Kb / 8P
   Dual Line CAN Bus Protector
September, 2004 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA24CDT3 LEIDITECH-SDA24CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
logo
Rectron Semiconductor
RSM24M RECTRON-RSM24M Datasheet
258Kb / 4P
   Dual Line CAN Bus Protector
logo
Guangdong Youtai Semico...
NUP2105L UMW-NUP2105L Datasheet
397Kb / 4P
   Dual Line CAN Bus Protector
logo
Diodes Incorporated
DUP3105SOQ DIODES-DUP3105SOQ Datasheet
486Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
DUP2105SOQ DIODES-DUP2105SOQ Datasheet
473Kb / 5P
   DUAL LINE CAN BUS PROTECTOR
logo
SHIKUES Electronics
NUP2105 SKTECHNOLGY-NUP2105 Datasheet
775Kb / 4P
   Dual Line CAN Bus Protector
logo
ON Semiconductor
NUP2105L ONSEMI-NUP2105L_05 Datasheet
77Kb / 8P
   Dual Line CAN Bus Protector
July, 2005 ??Rev. 4
NUP2125 ONSEMI-NUP2125_16 Datasheet
61Kb / 4P
   Dual Line CAN Bus Protector
September, 2016 ??Rev. 1
logo
Shanghai Leiditech Elec...
SDA36CDT3 LEIDITECH-SDA36CDT3 Datasheet
127Kb / 3P
   DUAL LINE CAN BUS PROTECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com