データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U.FL-LP-068 データシート(PDF) 7 Page - Hirose Electric

部品番号 U.FL-LP-068
部品情報  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-068 データシート(HTML) 7 Page - Hirose Electric

  U.FL-LP-068 Datasheet HTML 1Page - Hirose Electric U.FL-LP-068 Datasheet HTML 2Page - Hirose Electric U.FL-LP-068 Datasheet HTML 3Page - Hirose Electric U.FL-LP-068 Datasheet HTML 4Page - Hirose Electric U.FL-LP-068 Datasheet HTML 5Page - Hirose Electric U.FL-LP-068 Datasheet HTML 6Page - Hirose Electric U.FL-LP-068 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
sUsage Precautions
1. Plugs
(1) Connection/
disconnection of
connectors
(2) Permissible load on
the cable after
connector are mated.
(3) Precautions
1) To disconnect connectors, insert the end portion of U.FL-LP-N-2 and U.FL-LP(V)-N-2 under the connector flanges
and pull off vertically, in the direction of the connector mating axis.
2) To mate the connectors, the mating axes of both connectors must be
aligned and the connectors can be mated. The "click" will confirm fully
mated connection.Do not attempt to insert on an extreme angle.
After the connectors are mating, do not apply a load to the cable in excess of the values indicated in the diagram
below.
Do NOT forcefully twist or deform wires.
(1) Recommended
soldering temperature
profile
1) The temperature profile indicates the board surface temperature at the point of contacts with the connector
terminals.
2) The temperature profile will change depending on conditions which include such factors as the size of the board,
the solder used, and the solder thickness.
(3) Recommended screen
thickness
0.1 to 0.15 mm
(2) Recommended
manual soldering
Manual soldering: 350˚C for 5 seconds
2. Receptacles
U.FL-LP-040
2N max.
2N max.
4N max.
U.FL-R-SMT
Time
Preheating
(130 to 165ç)
Within 2 minutes
40 to 50
seconds
Heating peak
240ç 3 seconds
183ç
260
240
220
200
180
160
140
120
100
80
(ç)
Extraction Jig
U.FL-R-SMT
U.FL Cable
Assembly
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


同様の部品番号 - U.FL-LP-068

メーカー部品番号データシート部品情報
logo
Hirose Electric
U.FL-LP-068 HIROSE-U.FL-LP-068 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-068N1T-A-L HIROSE-U.FL-LP-068N1T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP-068N2T-A-L HIROSE-U.FL-LP-068N2T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
More results

同様の説明 - U.FL-LP-068

メーカー部品番号データシート部品情報
logo
Hirose Electric
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com