データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U.FL-LP-068 データシート(PDF) 4 Page - Hirose Electric

部品番号 U.FL-LP-068
部品情報  Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HIROSE [Hirose Electric]
ホームページ  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

U.FL-LP-068 データシート(HTML) 4 Page - Hirose Electric

  U.FL-LP-068 Datasheet HTML 1Page - Hirose Electric U.FL-LP-068 Datasheet HTML 2Page - Hirose Electric U.FL-LP-068 Datasheet HTML 3Page - Hirose Electric U.FL-LP-068 Datasheet HTML 4Page - Hirose Electric U.FL-LP-068 Datasheet HTML 5Page - Hirose Electric U.FL-LP-068 Datasheet HTML 6Page - Hirose Electric U.FL-LP-068 Datasheet HTML 7Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Part No.
Mated Height
Applicable
cable
Weight (mg)
2.5mm Max.
2.5mm Max.
2.0mm Max.
2.4mm Max.
2.4mm Max.
(2.4mm Nom.)
(2.4mm Nom.)
(1.9mm Nom.)
(2.3mm Nom.)
(2.3mm Nom.)
Dia. 0.81mm
Dia. 0.81mm
Dia. 1mm
Dia. 1.37mm
Coaxial cable
Coaxial cable
Coaxial cable
Coaxial cable
53.7
59.1
34.8
45.5
71.7
Dia. 1.13mm and
Dia. 1.32mm
Coaxial cable
sCable Assembly (Plug)
qCable Guide
U.FL-LP-040
U.FL-LP-062
U.FL-LP-088
Dia.0.81mm
Coaxial Cable
04
7/0.05 SA
(AWG36)
Dia.0.40
PFA
Single
Shield SA
Dia.0.81
PFA
50 ohms
6.45dB/m
9.42dB/m
Dia.1.13mm
Coaxial Cable
068
7/0.08 SA
(AWG32)
Dia.0.68
FEP
Single
Shield SA[TA]
Dia.1.13
FEP
50 ohms
3.43dB/m
[3.73dB/m]
5.13dB/m
[5.44dB/m]
Dia.1.32mm
Coaxial Cable
066
7/0.08 SA
(AWG32)
Dia.0.66
FEP
Double
Shield TA
Dia.1.32
FEP
50 ohms
3.8dB/m
5.6dB/m
Dia.1mm
Coaxial Cable
062
7/0.071 SA
(AWG33)
Dia.0.62
FEP
Tape, single
Shield TAT
Dia.1
FEP
50 ohms
3.1dB/m
4.4dB/m
Dia.1.37mm
Coaxial Cable
(data as provided by cable suppliers, for reference only)
* SA : Silver plated annealed copper wire, TA : Tin plated annealed copper wire, TAT : Tin plated copper wire alloyed with tin
088
7/0.102 SA
(AWG30)
Dia.0.88
FEP
Single
Shield TA
Dia.1.37
FEP
50 ohms
2.8dB/m
4.3dB/m
Description
Cable
Type
Cable Specification
Inner
Conductor*
Dielectric
Diameter
Outer
Conductor*
Jacket
Diameter
Nominal
Impedance
Nominal attenuation
At 3GHz
At 6GHz
4
5
U.FL-LP-066
4
U.FL-LP(V)-040
3.4
4
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


同様の部品番号 - U.FL-LP-068

メーカー部品番号データシート部品情報
logo
Hirose Electric
U.FL-LP-068 HIROSE-U.FL-LP-068 Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-LP-068N1T-A-L HIROSE-U.FL-LP-068N1T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-LP-068N2T-A-L HIROSE-U.FL-LP-068N2T-A-L Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
More results

同様の説明 - U.FL-LP-068

メーカー部品番号データシート部品情報
logo
Hirose Electric
U-FL HIROSE-U-FL Datasheet
258Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
U.FL-R-SMT-1 HIROSE-U.FL-R-SMT-1 Datasheet
198Kb / 7P
   Ultra Small Surface Mount Coaxial Connectors - 1.9mm or 2.4mm Mated Height
U.FL-R-SMT HIROSE-U.FL-R-SMT Datasheet
177Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
List of Unclassifed Man...
UFL-LP-040 ETC-UFL-LP-040 Datasheet
190Kb / 8P
   Ultra Small SMT Coaxial Connectors - Low Profile 1.9mm or 2.4mm Mated Height
logo
Hirose Electric
W.FL HIROSE-W.FL_17 Datasheet
296Kb / 8P
   Ultra Small Surface Mount Coaxial Connectors 1.4mm or 1.65mm Mated Height
WFL2 HIROSE-WFL2 Datasheet
291Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1_09 Datasheet
187Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
W.FL2 HIROSE-W.FL2_17 Datasheet
347Kb / 8P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W-FL2 HIROSE-W-FL2 Datasheet
190Kb / 6P
   Ultra-Small Surface Mount Coaxial Connectors - 1.18mm Mated Height
W.FL-R-SMT-1 HIROSE-W.FL-R-SMT-1 Datasheet
386Kb / 6P
   Ultra Small Surface Mount Coaxial Connectors - 1.4mm Mated Height
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com