データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

U1600 データシート(PDF) 6 Page - Agilent(Hewlett-Packard)

部品番号 U1600
部品情報  U1600 Series Handheld Digital Oscilloscopes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HP [Agilent(Hewlett-Packard)]
ホームページ  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

U1600 データシート(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button U1600 Datasheet HTML 2Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 3Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 4Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 5Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 6Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 7Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 8Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 9Page - Agilent(Hewlett-Packard) U1600 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Digital Multimeter Specifications[1] ± (% reading + % range)
Funtion
Range
Frequency, Test Current or Burden Voltage
1 year Tcal ± 5º C
DC Voltage
600.0 mV
6.000 V
60.00 V
600.0 V
0.3 + 0.08
0.3 + 0.08
0.3 + 0.08
0.3 + 0.08
AC Voltage
600.0 mV – 600.0 V
50 Hz – 1 kHz
1 kHz – 30 kHz
1.0 + 0.2
3.0 + 0.2
AC + DC Voltage
6.000 V – 600.0 V
50 Hz – 1 kHz
1 kHz – 30 kHz
1.0 + 0.2
3.0 + 0.2
Resistance
600.0 W
6.000 kW
60.00 kW
600.0 kW
6.000 MW
60.00 MW
0.5 + 0.2
0.5 + 0.2
0.5 + 0.2
0.5 + 0.2
0.5 + 0.2
1.0 + 0.2
Capacitance
60.00 nF
600.0 nF
6.000 μF
60.00 μF
300.0 μF
2.0 + 0.2
2.0 + 0.2
2.0 + 0.2
2.0 + 0.2
2.0 + 0.2
Diode
1.000 V
0.5 mA
2.0 + 0.08
[1] For temperatures between 0 ºC to 18 ºC and 28 ºC to 50 ºC, add 0.1% of reading + 0.02% of range for every degree Celsius.
Cursors
Manually place readout of horizontal (X, DX) and vertical (Y, DY).
Waveform math
CH1 + CH2, CH1 – CH2, CH2 – CH1
FFT[1]
Window
Rectangular, Hanning, Hamming, Blackman-Harris
Amplitude display
Selectable in amplitude displays of 1 dB, 2 dB, 5 dB, 10 dB
Measurement System
Autoscale
Finds and displays all active scope channels, sets edge trigger mode on
highest numbered channel, sets vertical sensitivity on scope channel.
Requires voltage > 20 mVp-p, 0.5% duty cycle and frequency > 100 Hz.
Automatic measurement
Measurements continuously updated.
Voltage
Peak-to-peak, maximum, minimum, amplitude, top, base, +overshoot,
–overshoot, preshoot, RMS, mean and one cycle mean.
Time
Frequency, period, +width, –width, and +duty cycle and –duty cycle on
any channel.
Rise time, fall time, delay and phase shift.


同様の部品番号 - U1600

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1600 KEYSIGHT-U1600 Datasheet
7Mb / 42P
   For Electronic, Electrical and Industrial Process Testing
More results

同様の説明 - U1600

メーカー部品番号データシート部品情報
logo
Keysight Technologies
U1604B KEYSIGHT-U1604B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1620A KEYSIGHT-U1620A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
U1602B KEYSIGHT-U1602B Datasheet
498Kb / 12P
   Handheld Digital Oscilloscopes
U1610A KEYSIGHT-U1610A Datasheet
1Mb / 13P
   Handheld Digital Oscilloscopes
logo
List of Unclassifed Man...
THS3000 ETC2-THS3000 Datasheet
743Kb / 12P
   Handheld Oscilloscopes
TBS1000 ETC2-TBS1000 Datasheet
1Mb / 12P
   Digital Storage Oscilloscopes
TDS7000B ETC-TDS7000B Datasheet
191Kb / 12P
   Digital Phosphor Oscilloscopes
2550SERIES ETC2-2550SERIES Datasheet
379Kb / 6P
   Digital Storage Oscilloscopes
logo
TEKTRONIX, INC.
DPO7000C TEKTRONIX-DPO7000C Datasheet
3Mb / 28P
   Digital Phosphor Oscilloscopes
TDS2000C TEKTRONIX-TDS2000C Datasheet
930Kb / 10P
   Digital Storage Oscilloscopes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com