データシートサーチシステム |
|
UA7805CKCT データシート(PDF) 1 Page - Texas Instruments |
|
|
UA7805CKCT データシート(HTML) 1 Page - Texas Instruments |
1 / 12 page KTE (PowerFLEX ) PACKAGE (TOP VIEW) TM OUTPUT COMMON INPUT KTT (TO-263) PACKAGE (TOP VIEW) OUTPUT COMMON INPUT KC (TO-220) PACKAGE (TOP VIEW) COMMON OUTPUT INPUT COMMON OUTPUT KCS OR KCT (TO-220) PACKAGE (TOP VIEW) INPUT OB SO LET E OB SO LET E μA7800 SERIES www.ti.com SLVS056O – MAY 1976 – REVISED AUGUST 2012 FIXED POSITIVE VOLTAGE REGULATORS Check for Samples: μA7800 SERIES 1 FEATURES 2 • 3-Terminal Regulators • Internal Thermal-Overload Protection • Available in fixed 5V/8V/10V/12V/15V/24V • High Power-Dissipation Capability options • Internal Short-Circuit Current Limiting • Output Current up to 1.5 A • Output Transistor Safe-Area Compensation DESCRIPTION/ORDERING INFORMATION This series of fixed-voltage integrated-circuit voltage regulators is designed for a wide range of applications. These applications include on-card regulation for elimination of noise and distribution problems associated with single-point regulation. Each of these regulators can deliver up to 1.5 A of output current. The internal current- limiting and thermal-shutdown features of these regulators essentially make them immune to overload. In addition to use as fixed-voltage regulators, these devices can be used with external components to obtain adjustable output voltages and currents, and also can be used as the power-pass element in precision regulators. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 PowerFLEX, PowerPAD are trademarks of Texas Instruments. PRODUCTION DATA information is current as of publication date. Copyright © 1976–2012, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
同様の部品番号 - UA7805CKCT |
|
同様の説明 - UA7805CKCT |