データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1854A データシート(PDF) 3 Page - Texas Instruments

部品番号 UC1854A
部品情報  ADVANCED HIGH-POWER FACTOR PREREGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1854A データシート(HTML) 3 Page - Texas Instruments

  UC1854A Datasheet HTML 1Page - Texas Instruments UC1854A Datasheet HTML 2Page - Texas Instruments UC1854A Datasheet HTML 3Page - Texas Instruments UC1854A Datasheet HTML 4Page - Texas Instruments UC1854A Datasheet HTML 5Page - Texas Instruments UC1854A Datasheet HTML 6Page - Texas Instruments UC1854A Datasheet HTML 7Page - Texas Instruments UC1854A Datasheet HTML 8Page - Texas Instruments UC1854A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
THERMAL RESISTANCE
UC1854A
UC2854A, UC2854B
UC3854A, UC3854B
SLUS329E – MONTH 2003 – REVISED JANUARY 2008
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
10
20
V
UC1854X
–55
125
TJ
Operating junction temperature
UC2854X
–40
85
°C
UC3854X
0
70
PACKAGED DEVICES
RESISTANCES
CDIP-16
PDIP-16
SOP-16
PLCC-20
(J)
(N)
(DW)
(Q)
θ
JC (°C/W)
28(1)
45
27
34
θ
JA (°C/W)
80–120
90(2)
50–130(2)
43–75(2)
(1)
θ
JC data values stated are derived from MIL-STD-1835B which states gthe baseline values shown are worst case (mean +2s) for a 60 ×
60 mil microcircuit device silicon die and applicable for devices with die sizes up to 14,400 square mils. For device die sizes greater than
14,400 square mils use the following values, dual-in-line, 11
°C/W; flat pack and pin grid array, 10°C/W.are at the end of each trace.
(2)
θ
JA (junction-to-ambient) applies to devices mounted to five square inch FR4 PC board with one ounce copper where noted. When
resitance range is given, lower values are for five square inch aluminum PC board. Test PWB is 0.062 inches thick and typically uses
0,635 mm trace widths for power packages and 1,3 mm trace widths for non-power packages with a 100
× 100 mil probe land are at the
end of each trace.
Copyright © 2003–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): UC1854A UC2854A, UC2854B UC3854A, UC3854B


同様の部品番号 - UC1854A

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1854A TI-UC1854A Datasheet
188Kb / 7P
[Old version datasheet]   Enhanced High Power Factor Preregulator
UC1854A TI1-UC1854A Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
More results

同様の説明 - UC1854A

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC2854B-EP TI1-UC2854B-EP_15 Datasheet
1Mb / 38P
[Old version datasheet]   Advanced High-Power Factor Preregulator
UC1854B TI-UC1854B Datasheet
455Kb / 16P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC1854A TI1-UC1854A_15 Datasheet
743Kb / 18P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI1-UC2854B-EP Datasheet
263Kb / 13P
[Old version datasheet]   ADVANCED HIGH-POWER FACTOR PREREGULATOR
UC2854B-EP TI-UC2854B-EP_15 Datasheet
893Kb / 36P
[Old version datasheet]   UC2854B-EP Advanced High-Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com