データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1263-2.8VOA データシート(PDF) 4 Page - Microchip Technology

部品番号 TC1263-2.8VOA
部品情報  500 mA, Fixed-Output, CMOS LDO with Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1263-2.8VOA データシート(HTML) 4 Page - Microchip Technology

  TC1263-2.8VOA Datasheet HTML 1Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 2Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 3Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 4Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 5Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 6Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 7Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 8Page - Microchip Technology TC1263-2.8VOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1263
DS21374D-page 4
 2002-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VR + 1.0V, IL = 100 µA, CL = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-1:
Line Regulation vs.
Temperature.
FIGURE 2-2:
Output Noise vs. Frequency.
FIGURE 2-3:
Load Regulation vs.
Temperature.
FIGURE 2-4:
IDD vs. Temperature.
FIGURE 2-5:
2.5V Dropout Voltage vs.
ILOAD.
FIGURE 2-6:
5.0V Dropout Voltage vs.
ILOAD.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.020
0.018
0.016
0.012
0.010
0.008
0.006
0.004
0.002
0.000
0.014
TEMPERATURE (°C)
-40°C0°C25°C70°C85°C 125°C
FREQUENCY (
kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
RLOAD = 50Ω
COUT = 1μF
-40
°C
0
°C25°C70°C85°C 125°C
0.0100
0.0090
0.0080
0.0070
0.0060
0.0050
0.0040
0.0030
0.0020
0.0010
0.0100
TEMPERATURE (
°C)
1mA to 500mA
1mA to 500mA
5V
2.5V
TEMPERATURE (°C)
150
135
120
105
90
75
60
45
30
15
0
5V
-40°C0°C25°C70°C85°C 125°C
2.5V
0
100
200
300
400
500
ILOAD (mA)
0.50
0.40
0.30
0.20
0.10
0.00
-40°C
0°C
70°C
85°C
25°C
125°C
0
100
200
300
400
500
ILOAD (mA)
0.50
0.40
0.30
0.20
0.10
0.00
25°C
-40°C
0°C
70°C
85°C
125°C


同様の部品番号 - TC1263-2.8VOA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1263-2.8VOA MICROCHIP-TC1263-2.8VOA Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1263-2.8VOATR MICROCHIP-TC1263-2.8VOATR Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results

同様の説明 - TC1263-2.8VOA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1264 MICROCHIP-TC1264_06 Datasheet
839Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1268 MICROCHIP-TC1268 Datasheet
448Kb / 12P
   500mA Fixed Output, Fast Response CMOS LDO with Shutdown
2002
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1016 MICROCHIP-TC1016_05 Datasheet
294Kb / 22P
   80 mA, Tiny CMOS LDO With Shutdown
2005
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com