データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1320EOA データシート(PDF) 6 Page - Microchip Technology

部品番号 TC1320EOA
部品情報  8-Bit Digital-to-Analog Converter with Two-Wire Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1320EOA データシート(HTML) 6 Page - Microchip Technology

Back Button TC1320EOA Datasheet HTML 2Page - Microchip Technology TC1320EOA Datasheet HTML 3Page - Microchip Technology TC1320EOA Datasheet HTML 4Page - Microchip Technology TC1320EOA Datasheet HTML 5Page - Microchip Technology TC1320EOA Datasheet HTML 6Page - Microchip Technology TC1320EOA Datasheet HTML 7Page - Microchip Technology TC1320EOA Datasheet HTML 8Page - Microchip Technology TC1320EOA Datasheet HTML 9Page - Microchip Technology TC1320EOA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
TC1320
DS21386C-page 6
 2002-2012 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1320 is a monolithic 8-bit digital-to-analog con-
verter, that is designed to operate from a single supply
that can range from 2.7V to 5.5V. The DAC consists of
a data register (DATA), a configuration register
(CONF), and a current output amplifier. The TC1320
uses an external reference, which also determines the
maximum output voltage.
The TC1320 uses a current steering DAC, based on an
array of matched current sources. This current, along a
precision resistor, converts the contents of the Data
Register and VREF into an output voltage, VOUT given
by:
VOUT = VREF (DATA/256)
3.1
Reference Input
The reference pin, VREF, is a buffered high-impedance
input and because of this, the load regulation of the ref-
erence source needs only to be able to tolerate leakage
levels of current (less than 1
A). V
REF accepts a volt-
age range from 0 to (VDD – 1.2V). Input capacitance is
typically 10pF.
3.2
Output Amplifier
The TC1320 DAC output is buffered with an internal
unity gain rail-to-rail input/output amplifier, with a typical
slew rate of 0.8V/
sec. Maximum full scale transition
settling time is 10
sec to within ±1/2LSB when loaded
with 1k
 in parallel with 100pF.
3.3
Standby Mode
The TC1320 allows the host to put it into a Low Power
(IDD = 0.5A, typical) Standby mode. In this mode, the
D/A conversion is halted. The SMBus port operates
normally. Standby mode is enabled by setting the
SHDN bit in the CONFIG register. The table below
summarizes this operation.
TABLE 3-1:
STANDBY MODE OPERATION
3.4
SMBus Slave Address
The TC1320 is internally programmed to have a default
SMBus address value of 1001
000b
. Seven other
addresses are available by custom order (contact fac-
tory). See Figure 3-1 for locating address bits in SMBus
protocol.
FIGURE 3-1:
SMBus PROTOCOLS
SHDN Bit
Operating Mode
0Normal
1
Standby
S
Address
R/W
ACK
Command
ACK
Data
ACK
P
8-Bits
7-Bits
8-Bits
Slave Address
Command Byte: selects
which register you are
writing to.
Data Byte: data goes
into the register set
by the command byte.
Write 1-Byte Format
Read 1-Byte Format
S
Address
R/W
ACK
Command
ACK
S
Address
R/W ACK
Data
NACK
P
7-Bits
8-Bits
7-Bits
8-Bits
Slave Address
Command Byte: selects
which register you are
reading from.
Slave Address: repeated
due to change in data
flow direction.
Data Byte: reads from
the register set by the
command byte.
Receive 1-Byte Format
S
Address
R/W ACK
Data
NACK
P
7-Bits
1
1
0
0
8-Bits
Data Byte: reads data from
the register commanded by
the last Read Byte or Write
Byte transmission.
S = START Condition
P = STOP Condition
Shaded = Slave Transmission


同様の部品番号 - TC1320EOA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1320EOA MICROCHIP-TC1320EOA Datasheet
442Kb / 14P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
More results

同様の説明 - TC1320EOA

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC1320 MICROCHIP-TC1320 Datasheet
442Kb / 14P
   8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1321 MICROCHIP-TC1321 Datasheet
446Kb / 16P
   10-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322 Datasheet
445Kb / 16P
   12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322_05 Datasheet
316Kb / 16P
   12-Bit Digital-to-Analog Converter with Two-Wire Interface
2005
logo
Burr-Brown (TI)
ADS7830 BURR-BROWN-ADS7830 Datasheet
251Kb / 16P
   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Texas Instruments
ADS7830 TI1-ADS7830_14 Datasheet
930Kb / 27P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER with I2C??Interface
logo
Shenzhen Titan Micro El...
TM7707 TITAN-TM7707 Datasheet
1Mb / 46P
   Two-bIt digital analog converter
logo
Texas Instruments
TL5602 TI1-TL5602_08 Datasheet
106Kb / 6P
[Old version datasheet]   8-BIT DIGITAL-TO-ANALOG CONVERTER
TLC5502-5M TI1-TLC5502-5M Datasheet
92Kb / 11P
[Old version datasheet]   8-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Toshiba Semiconductor
TC5093AP TOSHIBA-TC5093AP Datasheet
154Kb / 6P
   8 BIT ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com