データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC1413N データシート(PDF) 10 Page - Microchip Technology

部品番号 TC1413N
部品情報  3A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1413N データシート(HTML) 10 Page - Microchip Technology

Back Button TC1413N Datasheet HTML 6Page - Microchip Technology TC1413N Datasheet HTML 7Page - Microchip Technology TC1413N Datasheet HTML 8Page - Microchip Technology TC1413N Datasheet HTML 9Page - Microchip Technology TC1413N Datasheet HTML 10Page - Microchip Technology TC1413N Datasheet HTML 11Page - Microchip Technology TC1413N Datasheet HTML 12Page - Microchip Technology TC1413N Datasheet HTML 13Page - Microchip Technology TC1413N Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
TC1413/TC1413N
DS21392D-page 10
 2001-2012 Microchip Technology Inc.
8-Lead Plastic Dual In-line (PA) – 300 mil (PDIP)
B1
B
A1
A
L
A2
p
E
eB
c
E1
n
D
1
2
Units
INCHES*
MILLIMETERS
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
88
Pitch
p
.100
2.54
Top to Seating Plane
A
.140
.155
.170
3.56
3.94
4.32
Molded Package Thickness
A2
.115
.130
.145
2.92
3.30
3.68
Base to Seating Plane
A1
.015
0.38
Shoulder to Shoulder Width
E
.300
.313
.325
7.62
7.94
8.26
Molded Package Width
E1
.240
.250
.260
6.10
6.35
6.60
Overall Length
D
.360
.373
.385
9.14
9.46
9.78
Tip to Seating Plane
L
.125
.130
.135
3.18
3.30
3.43
Lead Thickness
c
.008
.012
.015
0.20
0.29
0.38
Upper Lead Width
B1
.045
.058
.070
1.14
1.46
1.78
Lower Lead Width
B
.014
.018
.022
0.36
0.46
0.56
Overall Row Spacing
§
eB
.310
.370
.430
7.87
9.40
10.92
Mold Draft Angle Top
5
10
15
5
10
15
Mold Draft Angle Bottom
5
10
15
5
10
15
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
JEDEC Equivalent: MS-001
Drawing No. C04-018
.010” (0.254mm) per side.
§ Significant Characteristic
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging


同様の部品番号 - TC1413N

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC1413N TELCOM-TC1413N Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413N MICROCHIP-TC1413N Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
TC1413N MICROCHIP-TC1413N Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413N MICROCHIP-TC1413N Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
logo
TelCom Semiconductor, I...
TC1413NCOA TELCOM-TC1413NCOA Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
More results

同様の説明 - TC1413N

メーカー部品番号データシート部品情報
logo
TelCom Semiconductor, I...
TC1413 TELCOM-TC1413 Datasheet
68Kb / 5P
   3A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1413 MICROCHIP-TC1413_15 Datasheet
824Kb / 24P
   3A High-Speed MOSFET Drivers
01/27/15
TC1413 MICROCHIP-TC1413_03 Datasheet
345Kb / 16P
   3A High-Speed MOSFET Drivers
2003
TC1413 MICROCHIP-TC1413 Datasheet
439Kb / 14P
   3A High-Speed MOSFET Drivers
2002
logo
ON Semiconductor
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com