データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5241BR100-REEL7 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5241BR100-REEL7
部品情報  I2C-Compatible, 256-Position Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5241BR100-REEL7 データシート(HTML) 1 Page - Analog Devices

  AD5241BR100-REEL7 Datasheet HTML 1Page - Analog Devices AD5241BR100-REEL7 Datasheet HTML 2Page - Analog Devices AD5241BR100-REEL7 Datasheet HTML 3Page - Analog Devices AD5241BR100-REEL7 Datasheet HTML 4Page - Analog Devices AD5241BR100-REEL7 Datasheet HTML 5Page - Analog Devices AD5241BR100-REEL7 Datasheet HTML 6Page - Analog Devices AD5241BR100-REEL7 Datasheet HTML 7Page - Analog Devices AD5241BR100-REEL7 Datasheet HTML 8Page - Analog Devices AD5241BR100-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
I2C-Compatible,
256-Position Digital Potentiometers
AD5241/AD5242
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2001–2009 Analog Devices, Inc. All rights reserved.
FEATURES
256 positions
10 kΩ, 100 kΩ, 1 MΩ
Low temperature coefficient: 30 ppm/°C
Internal power on midscale preset
Single-supply 2.7 V to 5.5 V or dual-supply ±2.7 V for ac or
bipolar operation
I2C-compatible interface with readback capability
Extra programmable logic outputs
Self-contained shutdown feature
Extended temperature range: −40°C to +105°C
APPLICATIONS
Multimedia, video, and audio
Communications
Mechanical potentiometer replacement
Instrumentation: gain, offset adjustment
Programmable voltage-to-current conversion
Line impedance matching
FUNCTIONAL BLOCK DIAGRAM
RDAC
REGISTER 1
ADDR
DECODE
8
PWR-ON
RESET
SERIAL INPUT REGISTER
AD5241
SHDN
VDD
VSS
SDA
SCL
GND
A1 W1 B1
O1 O2
REGISTER 2
AD0
AD1
Figure 1. AD5241 Functional Block Diagram
A1 W1 B1
A2 W2 B2
O1 O2
RDAC
REGISTER 1
ADDR
DECODE
8
PWR-ON
RESET
SERIAL INPUT REGISTER
AD5242
VDD
VSS
SDA
SCL
GND
RDAC
REGISTER 2
REGISTER
1
AD0
AD1
SHDN
Figure 2. AD5242 Functional Block Diagram
GENERAL DESCRIPTION
The AD5241/AD5242 provide a single-/dual-channel, 256-
position, digitally controlled variable resistor (VR) device. These
devices perform the same electronic adjustment function as a
potentiometer, trimmer, or variable resistor. Each VR offers a
completely programmable value of resistance between the A
terminal and the wiper, or the B terminal and the wiper. For the
AD5242, the fixed A-to-B terminal resistance of 10 kΩ, 100 kΩ,
or 1 MΩ has a 1% channel-to-channel matching tolerance. The
nominal temperature coefficient of both parts is 30 ppm/°C.
Wiper position programming defaults to midscale at system
power on. When powered, the VR wiper position is programmed
by an I2C®-compatible, 2-wire serial data interface. Both parts
have two extra programmable logic outputs available that
enable users to drive digital loads, logic gates, LED drivers, and
analog switches in their system.
The AD5241/AD5242 are available in surface-mount, 14-lead
SOIC and 16-lead SOIC packages and, for ultracompact solutions,
14-lead TSSOP and 16-lead TSSOP packages. All parts are
guaranteed to operate over the extended temperature range of
−40°C to +105°C.


同様の部品番号 - AD5241BR100-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5241BR100-REEL7 AD-AD5241BR100-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
More results

同様の説明 - AD5241BR100-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com