データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TC2014-3.3VCTTR データシート(PDF) 7 Page - Microchip Technology

部品番号 TC2014-3.3VCTTR
部品情報  50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC2014-3.3VCTTR データシート(HTML) 7 Page - Microchip Technology

Back Button TC2014-3.3VCTTR Datasheet HTML 3Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 4Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 5Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 6Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 7Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 8Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 9Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 10Page - Microchip Technology TC2014-3.3VCTTR Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2001-2012 Microchip Technology Inc.
DS21662F-page 7
TC2014/2015/2185
Note: Unless otherwise indicated, VIN = VR + 1V, IL = 100 µA, COUT = 3.3 µF, SHDN > VIH, TA = +25°C.
FIGURE 2-19:
Line Transient Response.
(COUT = 1 µF).
FIGURE 2-20:
Load Transient Response in
Dropout. (COUT = 10 µF).
FIGURE 2-21:
Shutdown Delay Time.
FIGURE 2-22:
Wake-Up Response.
FIGURE 2-23:
PSRR vs. Frequency
(COUT = 1 µF Ceramic).
FIGURE 2-24:
PSRR vs. Frequency
(COUT = 10 µF Ceramic).
100mA
150mA
VOUT
100mV/DIV
VIN = 3.105V
VOUT = 3.006V
CIN = 1 μF Ceramic
COUT = 10 μF Ceramic
RLOAD = 20 Ω
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000 100000
0
Frequency (Hz)
VIN = 4.0V
VINAC = 100 mV
VOUTDC = 3.0V
COUT = 1µF Ceramic
CBYPASS = 0.01 µF Ceramic
IOUT = 50 mA
IOUT = 150 mA
IOUT = 100 mA
10
100
1k
10k
100k
1M
-70
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000 100000
0
Frequency (Hz)
VIN = 4.0V
VINAC = 100 mV
VOUTDC = 3.0V
COUT = 10 µF Ceramic
CBYPASS = 0.01 µF Ceramic
IOUT = 150 mA
IOUT = 100 mA
10
100
1k
10k
100k
1M


同様の部品番号 - TC2014-3.3VCTTR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC2014-3.3VCTTR MICROCHIP-TC2014-3.3VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2014-3.3VCTTR MICROCHIP-TC2014-3.3VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results

同様の説明 - TC2014-3.3VCTTR

メーカー部品番号データシート部品情報
logo
Microchip Technology
TC2014 MICROCHIP-TC2014_06 Datasheet
894Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2006
TC2185-3.3VCTTR MICROCHIP-TC2185-3.3VCTTR Datasheet
897Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
02/16/06
TC2014 MICROCHIP-TC2014 Datasheet
362Kb / 18P
   50 mA, 100 mA, 150 mA CMOS LDOs with Shutdown and Reference Bypass
2003
TC1014 MICROCHIP-TC1014_07 Datasheet
705Kb / 22P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and Reference Bypass
2007
TC2054 MICROCHIP-TC2054_06 Datasheet
943Kb / 18P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2006
TC1054 MICROCHIP-TC1054_12 Datasheet
456Kb / 20P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
11/29/12
TC1054 MICROCHIP-TC1054_07 Datasheet
389Kb / 18P
   50 mA, 100 mA and 150 mA CMOS LDOs with Shutdown and ERROR Output
2007
TC2054 MICROCHIP-TC2054_09 Datasheet
442Kb / 22P
   50 mA, 100 mA, and 150 mA CMOS LDOs with Shutdown and Error Output
2009
TC2185-50VCTTR MICROCHIP-TC2185-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
TC2015-50VCTTR MICROCHIP-TC2015-50VCTTR Datasheet
827Kb / 20P
   50 mA, 100 mA, 150 mA CMOS LDOs with
02/16/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com