データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5253BRUZ50-RL7 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5253BRUZ50-RL7
部品情報  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5253BRUZ50-RL7 データシート(HTML) 9 Page - Analog Devices

Back Button AD5253BRUZ50-RL7 Datasheet HTML 5Page - Analog Devices AD5253BRUZ50-RL7 Datasheet HTML 6Page - Analog Devices AD5253BRUZ50-RL7 Datasheet HTML 7Page - Analog Devices AD5253BRUZ50-RL7 Datasheet HTML 8Page - Analog Devices AD5253BRUZ50-RL7 Datasheet HTML 9Page - Analog Devices AD5253BRUZ50-RL7 Datasheet HTML 10Page - Analog Devices AD5253BRUZ50-RL7 Datasheet HTML 11Page - Analog Devices AD5253BRUZ50-RL7 Datasheet HTML 12Page - Analog Devices AD5253BRUZ50-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD5253/AD5254
Rev. C | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5253/
AD5254
TOP VIEW
(Not to Scale)
W0
1
B0
2
A0
3
AD0
4
5
W1
6
B1
7
A1
8
SDA
9
VSS 10
VDD
W3
B3
A3
AD1
20
19
18
17
16
DGND
SCL
W2
B2
A2
15
14
13
12
11
WP
Figure 2. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
W0
Wiper Terminal of RDAC0. V
SS ≤ VW0 ≤ VDD.
2
B0
B Terminal of RDAC0. V
SS ≤ VB0 ≤ VDD.
3
A0
A Terminal of RDAC0. V
SS ≤ VA0 ≤ VDD.
4
AD0
I2C Device Address 0. AD0 and AD1 allow four AD5253/AD5254 devices to be addressed.
5
WP
Write Protect, Active Low. V
WP ≤ VDD + 0.3 V.
6
W1
Wiper Terminal of RDAC1. V
SS ≤ VW1 ≤ VDD.
7
B1
B Terminal of RDAC1. V
SS ≤ VB1 ≤ VDD.
8
A1
A Terminal of RDAC1. V
SS ≤ VA1 ≤ VDD.
9
SDA
Serial Data Input/Output Pin. Shifts in one bit at a time upon positive clock edges. MSB loaded first. Open-drain
MOSFET requires pull-up resistor.
10
V
SS
Negative Supply. Connect to 0 V for single supply or –2.7 V for dual supply, where V
DD – VSS ≤ +5.5 V. If VSS is used
rather than grounded in dual supply, V
SS must be able to sink 35 mA for 26 ms when storing data to EEMEM.
11
A2
A Terminal of RDAC2. V
SS ≤ VA2 ≤ VDD.
12
B2
B Terminal of RDAC2. V
SS ≤ VB2 ≤ VDD.
13
W2
Wiper Terminal of RDAC2. V
SS ≤ VW2 ≤ VDD.
14
SCL
Serial Input Register Clock Pin. Shifts in one bit at a time upon positive clock edges. V
SCL ≤ (VDD + 0.3 V). Pull-up
resistor is recommended for SCL to ensure minimum power.
15
DGND
Digital Ground. Connect to system analog ground at a single point.
16
AD1
I2C Device Address 1. AD0 and AD1 allow four AD5253/AD5254 devices to be addressed.
17
A3
A Terminal of RDAC3. V
SS ≤ VA3 ≤ VDD.
18
B3
B Terminal of RDAC3. V
SS ≤ VB3 ≤ VDD.
19
W3
Wiper Terminal of RDAC3. V
SS ≤ VW3 ≤ VDD.
20
V
DD
Positive Power Supply Pin. Connect +2.7 V to +5 V for single supply or ±2.7 V for dual supply, where V
DD – VSS ≤ +5.5 V.
V
DD must be able to source 35 mA for 26 ms when storing data to EEMEM.


同様の部品番号 - AD5253BRUZ50-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5253BRUZ50-RL7 AD-AD5253BRUZ50-RL7 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
More results

同様の説明 - AD5253BRUZ50-RL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5253 AD-AD5253 Datasheet
834Kb / 28P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5254BRUZ50 AD-AD5254BRUZ50 Datasheet
576Kb / 32P
   Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. C
AD5251 AD-AD5251 Datasheet
566Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
AD5251 AD-AD5251_12 Datasheet
575Kb / 28P
   Dual 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. D
AD5254 AD-AD5254_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5253 AD-AD5253_15 Datasheet
576Kb / 32P
   Quad 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. C
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5251 AD-AD5251_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5252 AD-AD5252_15 Datasheet
575Kb / 28P
   Dual 64-/256-Position IC Nonvolatile Memory Digital Potentiometers
REV. D
AD5233 AD-AD5233_15 Datasheet
774Kb / 32P
   Nonvolatile Memory, Quad 64-Position Digital Potentiometer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com