データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5530BRU-REEL7 データシート(PDF) 8 Page - Analog Devices

部品番号 AD5530BRU-REEL7
部品情報  Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5530BRU-REEL7 データシート(HTML) 8 Page - Analog Devices

Back Button AD5530BRU-REEL7 Datasheet HTML 4Page - Analog Devices AD5530BRU-REEL7 Datasheet HTML 5Page - Analog Devices AD5530BRU-REEL7 Datasheet HTML 6Page - Analog Devices AD5530BRU-REEL7 Datasheet HTML 7Page - Analog Devices AD5530BRU-REEL7 Datasheet HTML 8Page - Analog Devices AD5530BRU-REEL7 Datasheet HTML 9Page - Analog Devices AD5530BRU-REEL7 Datasheet HTML 10Page - Analog Devices AD5530BRU-REEL7 Datasheet HTML 11Page - Analog Devices AD5530BRU-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD5530/AD5531
Rev. B | Page 8 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REFAGND
1
REFIN
2
LDAC
3
SDIN
4
SYNC
5
RBEN
6
SCLK
7
SDO
8
VDD
16
VOUT
15
DUTGND
14
VSS
13
NC
12
GND
11
PD
10
CLR
9
AD5530/
AD5531
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 4. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
REFAGND
For bipolar ±10 V output range, this pin should be tied to 0 V.
2
REFIN
This is the voltage reference input for the DAC. Connect to external 5 V reference for specified bipolar ±10 V output.
3
LDAC
Load DAC Logic Input (Active Low). When taken low, the contents of the shift register are transferred to the DAC
register. LDAC can be tied permanently low, enabling the outputs to be updated on the rising edge of SYNC.
4
SDIN
Serial Data Input. This device accepts 16-bit words. Data is clocked into the input register on the falling edge of SCLK.
5
SYNC
Active Low Control Input. Data is clocked into the shift register on the falling edges of SCLK.
6
RBEN
Active Low Readback Enable Function. This function allows the contents of the DAC register to be read. Data
from the DAC register is shifted out on the SDO pin on each rising edge of SCLK.
7
SCLK
Clock Input. Data is clocked into the input register on the falling edge of SCLK.
8
SDO
Serial Data Out. This pin is used to clock out the serial data previously written to the input shift register or can be
used in conjunction with RBEN to read back the data from the DAC register. This is an open drain output; it
should be pulled high with an external pull-up resistor. In standalone mode, SDO should be tied to GND or left
high impedance.
9
CLR
Level Sensitive, Active Low Input. A falling edge of CLR resets VOUT to DUTGND. The contents of the registers
are untouched.
10
PD
This allows the DAC to be put into a power-down state.
11
GND
Ground Reference.
12
NC
Do not connect anything to this pin.
13
VSS
Negative Analog Supply Voltage. −12 V ± 10% or −15 V ± 10%, for specified performance.
14
DUTGND
VOUT is referenced to the voltage applied to this pin.
15
VOUT
DAC Output.
16
VDD
Positive Analog Supply Voltage. 12 V ± 10% or 15 V ± 10%, for specified performance.


同様の部品番号 - AD5530BRU-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5530BRU AD-AD5530BRU Datasheet
407Kb / 16P
   Serial Input, Voltage Output 12-/14-Bit DACs
REV. 0
More results

同様の説明 - AD5530BRU-REEL7

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5531 AD-AD5531_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
AD5530 AD-AD5530_15 Datasheet
408Kb / 20P
   Serial Input, Voltage Output 12-/14-Bit Digital-to-Analog Converters
REV. B
logo
Burr-Brown (TI)
DAC7614 BURR-BROWN-DAC7614 Datasheet
483Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7616 BURR-BROWN-DAC7616 Datasheet
292Kb / 13P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7614 TI1-DAC7614 Datasheet
503Kb / 17P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7715 TI1-DAC7715_15 Datasheet
977Kb / 20P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7617 BURR-BROWN-DAC7617 Datasheet
302Kb / 14P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7714 TI-DAC7714 Datasheet
400Kb / 15P
[Old version datasheet]   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7715 BURR-BROWN-DAC7715 Datasheet
411Kb / 15P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7615 BURR-BROWN-DAC7615 Datasheet
485Kb / 12P
   Quad, Serial Input, 12-Bit, Voltage Output DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com