データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDT458P データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FDT458P
部品情報  30V P-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDT458P データシート(HTML) 4 Page - Fairchild Semiconductor

  FDT458P Datasheet HTML 1Page - Fairchild Semiconductor FDT458P Datasheet HTML 2Page - Fairchild Semiconductor FDT458P Datasheet HTML 3Page - Fairchild Semiconductor FDT458P Datasheet HTML 4Page - Fairchild Semiconductor FDT458P Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDT458P Rev. B(W)
Typical Characteristics
0
2
4
6
8
10
0
1
2
3
4
5
Q
g
, GATE CHARGE (nC)
I
D
= -3.4A
V
DS
= -5V
-10V
-15V
0
50
100
150
200
250
300
0
5
10
15
20
25
30
-V
DS
, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
C
OSS
C
RSS
f = 1 MHz
V
GS
= 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.01
0.1
1
10
100
0.1
1
10
100
-V
DS
, DRAIN-SOURCE VOLTAGE (V)
DC
1s
100ms
100
µ s
R
DS(ON) LIMIT
V
GS = -10V
SINGLE PULSE
RθJA = 110
oC/W
T
A
= 25oC
10ms
1m
10s
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R θJA = 110
oC/W
T
A
= 25oC
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
100
1000
t
1 , TIME (sec)
RθJA(t) = r(t) + R θJA
RθJA = 110 °C/W
TJ - T A = P * R θJA (t)
Duty Cycle, D = t 1 / t2
P(pk)
t 1
t2
Single Pulse
0.01
0.02
0.05
0.1
0.2
D = 0.5
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.


同様の部品番号 - FDT458P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDT457N FAIRCHILD-FDT457N Datasheet
94Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
FDT457N KEXIN-FDT457N Datasheet
176Kb / 4P
   N-Channel MOSFET
logo
Fairchild Semiconductor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results

同様の説明 - FDT458P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
SI6415DQ FAIRCHILD-SI6415DQ Datasheet
108Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430_02 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS6675A FAIRCHILD-FDS6675A Datasheet
107Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDS9400A FAIRCHILD-FDS9400A Datasheet
165Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI4435DY FAIRCHILD-SI4435DY Datasheet
93Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDD6685 FAIRCHILD-FDD6685 Datasheet
116Kb / 6P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P Datasheet
67Kb / 5P
   30V P-Channel PowerTrench MOSFET
NDS9430 FAIRCHILD-NDS9430 Datasheet
139Kb / 5P
   30V P-Channel PowerTrench MOSFET
SI6435DQ FAIRCHILD-SI6435DQ Datasheet
110Kb / 5P
   30V P-Channel PowerTrench MOSFET
FDW256P FAIRCHILD-FDW256P_08 Datasheet
216Kb / 5P
   30V P-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com