データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8040AR-EBZ データシート(PDF) 11 Page - Analog Devices

部品番号 AD8040AR-EBZ
部品情報  Low Power, High Speed Rail-to-Rail Input/Output Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8040AR-EBZ データシート(HTML) 11 Page - Analog Devices

Back Button AD8040AR-EBZ Datasheet HTML 7Page - Analog Devices AD8040AR-EBZ Datasheet HTML 8Page - Analog Devices AD8040AR-EBZ Datasheet HTML 9Page - Analog Devices AD8040AR-EBZ Datasheet HTML 10Page - Analog Devices AD8040AR-EBZ Datasheet HTML 11Page - Analog Devices AD8040AR-EBZ Datasheet HTML 12Page - Analog Devices AD8040AR-EBZ Datasheet HTML 13Page - Analog Devices AD8040AR-EBZ Datasheet HTML 14Page - Analog Devices AD8040AR-EBZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD8029/AD8030/AD8040
Rev. B | Page 11 of 24
–100
TIME (ns)
–75
–50
–25
25
0
50
75
100
G = +1
VS = ±2.5V
20ns/DIV
25mV/DIV
03679-0-022
Figure 25. Small Signal Transient Response
TIME (ns)
–2.5
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0.5V/DIV
25ns/DIV
G = +1
VS = ±2.5V
2V p-p
4V p-p
Figure 26. Large Signal Transient Response
–4
–3
–2
–1
1
0
2
3
4
G = –1 (RF = 1kΩ)
RL = 1kΩ
VS = ±2.5V
200ns/DIV
1V/DIV
03679-0-024
INPUT
OUTPUT
TIME (ns)
Figure 27. Output Overdrive Recovery
–100
–75
–50
–25
25
0
50
75
100
G = +1
VS = ±2.5V
20ns/DIV
25mV/DIV
03679-0-025
CL = 20pF
CL = 5pF
CL = 10pF
TIME (ns)
Figure 28. Small Signal Transient Response with Capacitive Load
03679-0-059
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
TIME (Seconds)
1
µs/DIV
G = +1
VS = +5V
RL = 1kΩ TIED TO MIDSUPPLY
INPUT
OUTPUT
Figure 29. Rail-to-Rail Response, G = +1
–4
–3
–2
–1
1
0
2
3
4
G = +1
RL = 1kΩ
VS = ±2.5V
200ns/DIV
1V/DIV
03679-0-027
INPUT
OUTPUT
TIME (ns)
Figure 30. Input Overdrive Recovery


同様の部品番号 - AD8040AR-EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8040AR-REEL AD-AD8040AR-REEL Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040AR-REEL7 AD-AD8040AR-REEL7 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
More results

同様の説明 - AD8040AR-EBZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8040 AD-AD8040 Datasheet
649Kb / 20P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. A
AD8040 AD-AD8040_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8029 AD-AD8029_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
AD8030 AD-AD8030_15 Datasheet
670Kb / 25P
   Low Power, High Speed Rail-to-Rail Input/Output Amplifier
REV. B
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Analog Devices
AD8028 AD-AD8028 Datasheet
478Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. B
AD8027 AD-AD8027_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8027 AD-AD8027_05 Datasheet
612Kb / 24P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
AD8028 AD-AD8028_15 Datasheet
699Kb / 25P
   Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com