データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADF7021-NBCPZ-RL1 データシート(PDF) 7 Page - Analog Devices

部品番号 ADF7021-NBCPZ-RL1
部品情報  High Performance Narrow-Band Transceiver IC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADF7021-NBCPZ-RL1 データシート(HTML) 7 Page - Analog Devices

Back Button ADF7021-NBCPZ-RL1 Datasheet HTML 3Page - Analog Devices ADF7021-NBCPZ-RL1 Datasheet HTML 4Page - Analog Devices ADF7021-NBCPZ-RL1 Datasheet HTML 5Page - Analog Devices ADF7021-NBCPZ-RL1 Datasheet HTML 6Page - Analog Devices ADF7021-NBCPZ-RL1 Datasheet HTML 7Page - Analog Devices ADF7021-NBCPZ-RL1 Datasheet HTML 8Page - Analog Devices ADF7021-NBCPZ-RL1 Datasheet HTML 9Page - Analog Devices ADF7021-NBCPZ-RL1 Datasheet HTML 10Page - Analog Devices ADF7021-NBCPZ-RL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
ADF7021-N
Rev. 0 | Page 7 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
3FSK
Sensitivity at 9.6 kbps
−110
dBm
fDEV = 2.4 kHz, high sensitivity mode, IF_FILTER_BW =
18.5 kHz, Viterbi detection on
Raised Cosine 3FSK
Sensitivity at 9.6 kbps
−110
dBm
fDEV = 2.4 kHz, high sensitivity mode, IF_FILTER_BW =
13.5 kHz, alpha = 0.5, Viterbi detection on
4FSK
Sensitivity at 9.6 kbps
−112
dBm
fDEV (inner) = 1.2 kHz, high sensitivity mode,
IF_FILTER_BW = 13.5 kHz
Raised Cosine 4FSK
Sensitivity at 9.6 kbps
−109
dBm
fDEV (inner) = 1.2 kHz, high sensitivity mode,
IF_FILTER_BW = 13.5 kHz, alpha = 0.5
INPUT IP3
Two-tone test, fLO = 860 MHz, F1 = fLO + 100 kHz,
F2 = fLO − 800 kHz
Low Gain Enhanced Linearity
Mode
−3
dBm
LNA_GAIN = 3, MIXER_LINEARITY = 1
Medium Gain Mode
−13.5
dBm
LNA_GAIN = 10, MIXER_LINEARITY = 0
High Sensitivity Mode
−24
dBm
LNA_GAIN = 30, MIXER_LINEARITY = 0
ADJACENT CHANNEL REJECTION
868 MHz
Wanted signal is 3 dB above the sensitivity point
(BER = 10−3); unmodulated interferer is at the center
of the adjacent channel; rejection measured as the
difference between the interferer level and the
wanted signal level in dB
12.5 kHz Channel Spacing
40
dB
9 kHz IF_FILTER_BW
25 kHz Channel Spacing
39
dB
18.5 kHz IF_FILTER_BW
426 MHz
Wanted signal is 3 dB above the reference sensitivity
point (BER = 10−2); modulated interferer (same
modulation as wanted signal) at the center of the
adjacent channel; rejection measured as the
difference between the interferer level and reference
sensitivity level in dB
12.5 kHz Channel Spacing
40
dB
9 kHz IF_FILTER_BW, compliant with ARIB STD-T67
25 kHz Channel Spacing
39
dB
18.5 kHz IF_FILTER_BW, compliant with ARIB STD-T67
CO-CHANNEL REJECTION
Wanted signal (2FSK, 9.6 kbps, ±4 kHz deviation) is
3 dB above the sensitivity point (BER = 10−3), modu-
lated interferer
868 MHz
−5
dB
IMAGE CHANNEL REJECTION
Wanted signal (2FSK, 9.6 kbps, ±4 kHz deviation) is
10 dB above the sensitivity point (BER = 10−3); modu-
lated interferer (2FSK, 9.6 kbps, ±4 kHz deviation) is
placed at the image frequency of fRF − 200 kHz; the
interferer level is increased until BER = 10−3
868 MHz
26/39
dB
Uncalibrated/calibrated1, VDD = 3.0 V, TA = 25°C
450 MHz, Internal Inductor
VCO
29/50
dB
Uncalibrated/calibrated1, VDD = 3.0 V, TA = 25°C
BLOCKING
Wanted signal is 10 dB above the input sensitivity
level; CW interferer level is increased until BER = 10−3
±1 MHz
69
dB
±2 MHz
75
dB
±5 MHz
78
dB
±10 MHz
78.5
dB
SATURATION
(MAXIMUM INPUT LEVEL)
12
dBm
2FSK mode, BER = 10−3


同様の部品番号 - ADF7021-NBCPZ-RL1

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-VBCPZ AD-ADF7021-VBCPZ Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7021-VBCPZ-RL AD-ADF7021-VBCPZ-RL Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
More results

同様の説明 - ADF7021-NBCPZ-RL1

メーカー部品番号データシート部品情報
logo
Analog Devices
ADF7021BCPZ-RL AD-ADF7021BCPZ-RL Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021 AD-ADF7021_15 Datasheet
1Mb / 62P
   High Performance Narrow-Band Transceiver IC
REV. C
EVAL-ADF7021DBZ5 AD-EVAL-ADF7021DBZ5 Datasheet
1Mb / 64P
   High Performance Narrow-Band Transceiver IC
REV. B
ADF7021-V AD-ADF7021-V Datasheet
1Mb / 60P
   HIgh Performance Narrow-Band Transceiver IC
REV. 0
ADF7025 AD-ADF7025_15 Datasheet
672Kb / 44P
   High Performance ISM Band Transceiver IC
REV. B
ADF7025 AD-ADF7025 Datasheet
917Kb / 44P
   High Performance ISM Band Transceiver IC
REV. A
logo
ON Semiconductor
AX5243 ONSEMI-AX5243_16 Datasheet
411Kb / 42P
   Advanced High Performance ASK and FSK Narrow-band Transceiver
May, 2016 ??Rev. 3
logo
Radiometrix Ltd
NIM2-XXX.XXX-10 RADIOMETRIX-NIM2-XXX.XXX-10 Datasheet
224Kb / 11P
   UHF Narrow Band Transceiver
logo
List of Unclassifed Man...
WP-RF-RF650 ETC1-WP-RF-RF650 Datasheet
183Kb / 8P
   Narrow Band Radio Transceiver
logo
Analog Devices
ADF7020 AD-ADF7020 Datasheet
797Kb / 40P
   High Performance ISM Band FSK/ASK Transceiver IC
Rev. PrH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com