データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADM1232ARMZ-REEL1 データシート(PDF) 6 Page - Analog Devices

部品番号 ADM1232ARMZ-REEL1
部品情報  Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADM1232ARMZ-REEL1 データシート(HTML) 6 Page - Analog Devices

Back Button ADM1232ARMZ-REEL1 Datasheet HTML 2Page - Analog Devices ADM1232ARMZ-REEL1 Datasheet HTML 3Page - Analog Devices ADM1232ARMZ-REEL1 Datasheet HTML 4Page - Analog Devices ADM1232ARMZ-REEL1 Datasheet HTML 5Page - Analog Devices ADM1232ARMZ-REEL1 Datasheet HTML 6Page - Analog Devices ADM1232ARMZ-REEL1 Datasheet HTML 7Page - Analog Devices ADM1232ARMZ-REEL1 Datasheet HTML 8Page - Analog Devices ADM1232ARMZ-REEL1 Datasheet HTML 9Page - Analog Devices ADM1232ARMZ-REEL1 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADM1232
Rev. C | Page 6 of
12
CIRCUIT INFORMATION
PB RESET
STROBE TIMEOUT SELECTION
The PB RESET input makes it possible to manually reset a
system using either a standard push-button switch or a logic
low input. An internal debounce circuit provides glitch
immunity when used with a switch, reducing the effects of
glitches on the line. The debounce circuit is guaranteed to cause
the ADM1232 to assert a reset if PB RESET is brought low for
more than 20 ms and is guaranteed to ignore low inputs of less
than 1 ms.
TD (time delay) set is used to set the strobe timeout period. The
strobe timeout period is the maximum time between high-to-
low transitions that STROBE accepts before a reset is asserted
(see
). The strobe timeout settings are listed in
.
Figure 8
Table 5
Table 5. Strobe Timeout Settings
Condition
Min
Typ
Max
Unit
TD = 0 V
62.5
150
250
ms
TD = Floating
250
600
1000
ms
TD = VCC
500
1200
2000
ms
MICROPROCESSOR
GND
TOLERANCE
RESET
STROBE
RESET
PB RESET
I/O
ADM1232
VCC
VCC
TD
STROBE
PULSE WIDTH
STROBE TIMEOUT PERIOD
STROBE
RESET
Figure 8. STROBE Parameters
Figure 6. Typical Push-Button Reset Application
RESET
PB RESET
VIL
RESET ACTIVE
TIME
PB RESET
DELAY
PB RESET TIME
VIH
5V
VCC
RESET
5V
4.5V (5% TRIP POINT)
RESET OUTPUT DELAY
HEN VCC IS FALLING
RESET OUTPUT DELAY
WHEN VCC IS RISING
W
4.25V (10% TRIP POINT)
RESET
Figure 9. Reset Output Delay
TOLERANCE
Figure 7. PB RESET
The TOLERANCE input is used to determine the level at which
VCC can vary below 5 V without the ADM1232 asserting a reset.
Connecting TOLERANCE to GND selects a −5% tolerance level
and causes the ADM1232 to generate a reset if VCC falls below
4.75 V. If TOLERANCE is connected to VCC, a −10% tolerance
level is selected, which causes the ADM1232 to generate a reset
if VCC falls below 4.5 V. See the parameters for the VCC trip point
in the Specifications section for more information.
RESET AND RESET OUTPUTS
RESET is capable of sourcing and sinking current, whereas
RESET is an open-drain MOSFET that sinks current only.
Therefore, it is necessary to pull this output high.


同様の部品番号 - ADM1232ARMZ-REEL1

メーカー部品番号データシート部品情報
logo
Analog Devices
ADM1232ARM AD-ADM1232ARM Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
More results

同様の説明 - ADM1232ARMZ-REEL1

メーカー部品番号データシート部品情報
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com