データシートサーチシステム |
|
AD5271BCPZ-100-RL7 データシート(PDF) 3 Page - Analog Devices |
|
AD5271BCPZ-100-RL7 データシート(HTML) 3 Page - Analog Devices |
3 / 24 page Data Sheet AD5270/AD5271 Rev. F | Page 3 of 24 SPECIFICATIONS ELECTRICAL CHARACTERISTICS—AD5270 VDD = 2.7 V to 5.5 V, VSS = 0 V; VDD = 2.5 V to 2.75 V, VSS = −2.5 V to −2.75 V; −40°C < TA < +125°C, unless otherwise noted. Table 1. Parameter Symbol Test Conditions/Comments Min Typ1 Max Unit DC CHARACTERISTICS—RHEOSTAT MODE Resolution 10 Bits Resistor Integral Nonlinearity2, 3 R-INL RAW = 20 kΩ, |VDD − VSS| = 3.0 V to 5.5 V −1 +1 LSB RAW = 20 kΩ, |VDD − VSS| = 2.7 V to 3.0 V −1 +1.5 LSB RAW = 50 kΩ, 100 kΩ −1 +1 LSB Resistor Differential Nonlinearity2 R-DNL −1 +1 LSB Nominal Resistor Tolerance R-Perf Mode4 See Table 2 and Table 3 −1 ±0.5 +1 % Normal Mode ±15 % Resistance Temperature Coefficient5, 6 Code = full scale 5 ppm/°C Wiper Resistance Code = zero scale 35 70 Ω RESISTOR TERMINALS Terminal Voltage Range5, 7 VSS VDD V Capacitance5 A f = 1 MHz, measured to GND, code = half scale 90 pF Capacitance5 W f = 1 MHz, measured to GND, code = half scale 40 pF Common-Mode Leakage Current5 VA = VW 50 nA DIGITAL INPUTS Input Logic5 High VINH 2.0 V Low VINL 0.8 V Input Current IIN ±1 µA Input Capacitance5 CIN 5 pF DIGITAL OUTPUT Output Voltage5 High VOH RPULL_UP = 2.2 kΩ to VDD VDD − 0.1 V Low VOL RPULL_UP = 2.2 kΩ to VDD VDD = 2.7 V to 5.5 V, VSS = 0 V 0.4 V VDD = 2.5 V to 2.75 V, VSS = −2.5 V to −2.75 V 0.6 V Tristate Leakage Current −1 +1 µA Output Capacitance5 5 pF POWER SUPPLIES Single-Supply Power Range VSS = 0 V 2.7 5.5 V Dual-Supply Power Range ±2.5 ±2.75 V Supply Current Positive IDD 1 µA Negative ISS −1 µA 50-TP Store Current5, 8 Positive IDD_OTP_STORE 4 mA Negative ISS_OTP_STORE −4 mA OTP Read Current5, 9 Positive IDD_OTP_READ 500 µA Negative ISS_OTP_READ −500 µA |
同様の部品番号 - AD5271BCPZ-100-RL7 |
|
同様の説明 - AD5271BCPZ-100-RL7 |