データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BA09CC0WFP-E2 データシート(PDF) 5 Page - Rohm

部品番号 BA09CC0WFP-E2
部品情報  2A/1A Fixed OutputLDORegulators With ShutdownSwicth
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BA09CC0WFP-E2 データシート(HTML) 5 Page - Rohm

  BA09CC0WFP-E2 Datasheet HTML 1Page - Rohm BA09CC0WFP-E2 Datasheet HTML 2Page - Rohm BA09CC0WFP-E2 Datasheet HTML 3Page - Rohm BA09CC0WFP-E2 Datasheet HTML 4Page - Rohm BA09CC0WFP-E2 Datasheet HTML 5Page - Rohm BA09CC0WFP-E2 Datasheet HTML 6Page - Rohm BA09CC0WFP-E2 Datasheet HTML 7Page - Rohm BA09CC0WFP-E2 Datasheet HTML 8Page - Rohm BA09CC0WFP-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Datasheet
5/20
BAxxDD0xx
BAxxCC0xx
TSZ02201-0R6R0A600130-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
26.Jun.2012 Rev.001
www.rohm.com
●Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Input Power Supply Voltage
*1
VCC
-0.3 to +35
V
Power Dissipation
*2
Pd
2300(HRP5)
mW
1300(TO252-5)
1200(TO252-3)
2000(TO220FP-3,5)
Operating Temperature Range
Topr
-40 to +125
Ambient Storage Temperature
Tstg
-55 to +150
Junction Temperature
TjMAX.
+150
Output Control Terminal Voltage
*3
Vctl
-0.3 to +Vcc
V
Voltage Applied to the Tip
*4
VCC peak
+50
V
*1
Must not exceed Pd
*2
HRP5 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass
epoxy board is used, the power is reduced by 18.4 mW/℃.
TO252FP-3 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass
epoxy board is used, the power is reduced by 9.6 mW/℃.
TO252FP-5 : In cases in which Ta≧25℃ when a 70mm×70mm×1.6mm glass
epoxy board is used, the power is reduced by 10.4 mW/℃.
TO220FP-5 : No heat sink. When Ta≧25℃, the power is reduced by 16 mW/℃.
*3
Only for models with shutdown switches.
*4
Applied voltage : 200msec or less (tr
≥1msec)
●Recommended Operating Ratings (Ta=25℃)
Parameter
Symbol
Ratings
Unit
Min.
Typ.
Max.
Input
Power Supply
Voltage
BAxxCC0xx
VCC
4.0
25.0
V
BAxxDD0xx
3.0
25.0
V
Output Current
BAxxCC0xx
Io
1
A
BAxxDD0xx
2
A
Output Control Terminal Voltage
Vctl
0
VCC
V
MAX200msec
(Voltage Supply more than 35V)
50V
35V
0V
tr≧1msec


同様の部品番号 - BA09CC0WFP-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA09CC0WFP-E2 ROHM-BA09CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA09CC0WFP-E2 ROHM-BA09CC0WFP-E2 Datasheet
493Kb / 23P
   Low-saturation regulators, available for output s up to 2A/1A.
More results

同様の説明 - BA09CC0WFP-E2

メーカー部品番号データシート部品情報
logo
Rohm
BA08CC0FP-E2 ROHM-BA08CC0FP-E2 Datasheet
493Kb / 23P
   2A/1A Fixed OutputLDORegulators
BA033CC0WFP-E2 ROHM-BA033CC0WFP-E2 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
BA00DD0W ROHM-BA00DD0W_12 Datasheet
528Kb / 20P
   2A/1A Variable Output
logo
SHENZHEN FUMAN ELECTRON...
FM5881A FUMAN-FM5881A Datasheet
631Kb / 7P
   1A/1.5A/2A current limiting switch
logo
Rohm
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
logo
Renesas Technology Corp
HIP2103 RENESAS-HIP2103 Datasheet
893Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
logo
Intersil Corporation
HIP2103FRTAAZ INTERSIL-HIP2103FRTAAZ Datasheet
495Kb / 21P
   60V, 1A/2A Peak, Half Bridge Driver with 4V UVLO
November 27, 2013
logo
Cherry Semiconductor Co...
CS5201-3 CHERRY-CS5201-3 Datasheet
158Kb / 6P
   1A, 3.3V Fixed Linear Regulator
logo
Rohm
BD15HC0WEFJ ROHM-BD15HC0WEFJ Datasheet
495Kb / 21P
   1A Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com