データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD10KA5WFP-E2 データシート(PDF) 9 Page - Rohm

部品番号 BD10KA5WFP-E2
部品情報  500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD10KA5WFP-E2 データシート(HTML) 9 Page - Rohm

Back Button BD10KA5WFP-E2 Datasheet HTML 5Page - Rohm BD10KA5WFP-E2 Datasheet HTML 6Page - Rohm BD10KA5WFP-E2 Datasheet HTML 7Page - Rohm BD10KA5WFP-E2 Datasheet HTML 8Page - Rohm BD10KA5WFP-E2 Datasheet HTML 9Page - Rohm BD10KA5WFP-E2 Datasheet HTML 10Page - Rohm BD10KA5WFP-E2 Datasheet HTML 11Page - Rohm BD10KA5WFP-E2 Datasheet HTML 12Page - Rohm BD10KA5WFP-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Datasheet
9/15
BDxxKA5 Series
BDxxKA5W Series
BD00KA5W Series
TSZ02201-0R6R0A600150-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
26.Jun.2012 Rev.001
●I/O equivalence circuit
●Power Dissipation
When using at temperatures over Ta=25℃, please refer to the power dissipation shown in Fig.20 through 22.
The IC characteristics are closely related to the temperature at which the IC is used, so if the temperature exceeds the
maximum junction temperature TjMAX, the device may malfunction or be destroyed. The heat of the IC requires sufficient
consideration regarding instantaneous destruction and long-term operation reliability. In order to protect the IC from thermal
damage, it is necessary to operate it at temperatures less than the maximum junction temperature TjMAX.
Even when the ambient temperature Ta is a normal temperature (25℃), the chip(junction) temperature Tj may be quite high,
so please operate the IC at temperatures less than the acceptable loss Pd.
With BD00KA5WFP/WF,R1and R2 are connected
outside the IC between ADJ and GND and
between OUT and
ADJ.
CTL
Vcc Vcc
Vcc
OUT
ADJ
R1
R2
31.25kΩ 2kΩ
25kΩ
(BD00KA5WFP/WF)
Fig.18
Fig.19
Vcc
Fig.20 Power Dissipation heat
reducing characteristics
TO252-5
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
Ambient temperature:Ta(℃)
1.30
Rohm standard board mounting
Board size:70×70×1.6mm
Copper foil area:7×7mm
2
θja=96.2(℃/W)
TO252-3
Fig.21 Power Dissipation heat
reducing characteristics
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
周囲温度:Ta(℃)
1.20
Rohm standard board mounting
Board size:70×70×1.6mm
Copper foil area:7×7mm
2
θja=104.2(℃/W)
Ambient temperature:Ta(℃)
SOP8
Fig.22 Power Dissipation heat
reducing characteristics
0
200
400
600
800
1000
0
25
50
75
100
125
150
周囲温度:Ta(℃)
687.6mW
562.6mW
(1)
(2)
(1)When using a standard board:
θj-c=181.8(℃/W)
(2) When using an IC alone
θj-a=222.2(℃/W)
Ambient temperature:Ta(℃)


同様の部品番号 - BD10KA5WFP-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD10KA5WFP-E2 ROHM-BD10KA5WFP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

同様の説明 - BD10KA5WFP-E2

メーカー部品番号データシート部品情報
logo
Rohm
BD00GA5WEFJ-E2 ROHM-BD00GA5WEFJ-E2 Datasheet
510Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
BDXXGA5WEFJ ROHM-BDXXGA5WEFJ Datasheet
565Kb / 22P
   500mA Variable / Fixed Output LDO Regulators
7.Feb.2013 Rev.002
BD00HA5WEFJ ROHM-BD00HA5WEFJ_13 Datasheet
507Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD00IA5WEFJ ROHM-BD00IA5WEFJ Datasheet
479Kb / 22P
   500mA Variable Fixed Output LDO Regulators
BD8266EFV-M ROHM-BD8266EFV-M Datasheet
990Kb / 25P
   Built-in thermal shutdown circuit
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
logo
Seiko Instruments Inc
S-1142A33H-E6T2U SII-S-1142A33H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D20H-E6T2U SII-S-1142D20H-E6T2U Datasheet
1Mb / 32P
   Built-in thermal shutdown circuit
S-1142D33A-E6T2U SII-S-1142D33A-E6T2U Datasheet
1Mb / 31P
   Built-in thermal shutdown circuit
logo
Rohm
BA50BC0FP-E2 ROHM-BA50BC0FP-E2 Datasheet
512Kb / 19P
   1A Variable/Fixed Output LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com