データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFPF10U150S データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FFPF10U150S
部品情報  DAMPER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10U150S データシート(HTML) 2 Page - Fairchild Semiconductor

  FFPF10U150S Datasheet HTML 1Page - Fairchild Semiconductor FFPF10U150S Datasheet HTML 2Page - Fairchild Semiconductor FFPF10U150S Datasheet HTML 3Page - Fairchild Semiconductor FFPF10U150S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Stored Charge
vs. Forward Current
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. Forward Current
Figure 6. Forward Current Derating Curve
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
T
J = 25
o
C
T
J = 125
o
C
Forward Voltage , V
F [V]
0.1
1
10
100
0
50
100
150
200
250
300
Typical Capacitance
at 0V = 220 pF
Reverse Voltage , V
R
[V]
123
4
5
6
789
10
0
500
1000
1500
2000
di/dt = 100A/
µs
di/dt = 50A/
µs
Forward Current , I
F
[A]
0
300
600
900
1200
1500
0.001
0.01
0.1
1
10
100
1000
T
J = 100
oC
T
J = 125
o
C
T
J = 25
o
C
Reverse Voltage , V
R [V]
12
34
56
78
9
10
0
100
200
300
400
di/dt = 100A/
µs
di/dt = 50A/
µs
Forward Current , I
F
[A]
80
100
120
140
160
0
5
10
15
Case Temperature , T
C [
o
C]


同様の部品番号 - FFPF10U150S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF10U120S FAIRCHILD-FFPF10U120S Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U120STU FAIRCHILD-FFPF10U120STU Datasheet
81Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results

同様の説明 - FFPF10U150S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF04F150S FAIRCHILD-FFPF04F150S Datasheet
74Kb / 4P
   DAMPER DIODE
FFPF04U150S FAIRCHILD-FFPF04U150S Datasheet
75Kb / 4P
   DAMPER DIODE
FFPF10F150S FAIRCHILD-FFPF10F150S Datasheet
75Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY428 PHILIPS-BY428 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
BY328 PHILIPS-BY328 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 30
logo
New Jersey Semi-Conduct...
BY328 NJSEMI-BY328 Datasheet
70Kb / 2P
   Damper diode
logo
Fairchild Semiconductor
FFPF06F150S FAIRCHILD-FFPF06F150S Datasheet
75Kb / 4P
   DAMPER DIODE
logo
NXP Semiconductors
BY228 PHILIPS-BY228 Datasheet
52Kb / 7P
   Damper diode
1996 Sep 26
logo
Fairchild Semiconductor
FFPF06U150S FAIRCHILD-FFPF06U150S Datasheet
73Kb / 4P
   DAMPER DIODE
FFPF14X150S FAIRCHILD-FFPF14X150S Datasheet
75Kb / 4P
   DAMPER DIODE
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com