データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FFPF10U40S データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FFPF10U40S
部品情報  ULTRA FAST RECOVERY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF10U40S データシート(HTML) 1 Page - Fairchild Semiconductor

  FFPF10U40S Datasheet HTML 1Page - Fairchild Semiconductor FFPF10U40S Datasheet HTML 2Page - Fairchild Semiconductor FFPF10U40S Datasheet HTML 3Page - Fairchild Semiconductor FFPF10U40S Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
ULTRA FAST RECOVERY RECTIFIER
Absolute Maximum Ratings T
C=25°
°°°C unless otherwise noted
Thermal Characteristics
Electrical Characteristics T
C=25 °
°°°C unless otherwise noted
* Pulse Test: Pulse Width=300
µs, Duty Cycle=2%
Symbol
Parameter
Value
Units
VRRM
Peak Repetitive Reverse Voltage
400
V
IF(AV)
Average Rectified Forward Current
@ TC = 100°C10
A
IFSM
Non-repetitive Peak Surge Current
60Hz Single Half-Sine Wave
100
A
TJ, TSTG
Operating Junction and StorageTemperature
- 65 to +150
°C
Symbol
Parameter
Value
Units
RθJC
Maximum Thermal Resistance, Junction to Case
4.0
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Units
VFM *
Maximum Instantaneous Forward Voltage
I F = 10A
I F = 10A
TC = 25 °C
TC = 100 °C
-
-
-
-
1.4
1.3
V
IRM *
Maximum Instantaneous Reverse Current
@ rated VR
TC = 25 °C
TC = 100 °C
-
-
-
-
30
300
µA
trr
Irr
Qrr
Maximum Reverse Recovery Time
Maximum Reverse Recovery Current
Maximum Reverse Recovery Charge
(IF =10A, di/dt = 200A/µs)
-
-
-
-
-
-
50
4.5
113
ns
A
nC
WAVL
Avalanche Energy
1.0
-
-
mJ
FFPF10U40S
Features
• Ultrafast with soft recovery
• Low forward voltage
Applications
• Power switching circuits
• Output rectifiers
• Freewheeling diodes
• Switching mode power supply
TO-220F
1
2
TO-220F
1
2
1. Cathode
2. Anode


同様の部品番号 - FFPF10U40S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FFPF10U120S FAIRCHILD-FFPF10U120S Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U120STU FAIRCHILD-FFPF10U120STU Datasheet
81Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U150S FAIRCHILD-FFPF10U150S Datasheet
74Kb / 4P
   DAMPER DIODE
FFPF10U20 FAIRCHILD-FFPF10U20 Datasheet
74Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFPF10U20 FAIRCHILD-FFPF10U20 Datasheet
109Kb / 4P
   FAST RECOVERY POWER RECTIFIER
More results

同様の説明 - FFPF10U40S

メーカー部品番号データシート部品情報
logo
Solid States Devices, I...
SDR6304 SSDI-SDR6304 Datasheet
72Kb / 2P
   Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
   Ultra Fast Recovery Rectifier
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
UFR8510 MICROSEMI-UFR8510 Datasheet
123Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
   ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com