データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC145026D データシート(PDF) 5 Page - Freescale Semiconductor, Inc

部品番号 MC145026D
部品情報   Encoder and Decoder Pairs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FREESCALE [Freescale Semiconductor, Inc]
ホームページ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145026D データシート(HTML) 5 Page - Freescale Semiconductor, Inc

  MC145026D Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145026D Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MC145026
•MC145027•MC145028•SC41343•SC41344
MOTOROLA
5
ELECTRICAL CHARACTERISTICS — MC145026 (Voltage Referenced to VSS)
Sb l
Ch
i i
V
Guaranteed Limit
Ui
Sb l
Ch
i i
VDD
– 40
°C
25
°C
85
°C
Ui
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VOL
Low–Level Output Voltage
(Vin = 0 V or VDD)
2.5
0.05
0.05
0.05
V
VOH
High–Level Output Voltage
(Vin = 0 V or VDD)
2.5
2.45
2.45
2.45
V
VIL
Low–Level Input Voltage
(Vout = 0.5 V or 2.0 V)
2.5
0.3
0.3
0.3
V
VIH
High–Level Input Voltage
(Vout = 0.5 V or 2.0 V)
2.5
2.2
2.2
2.2
V
IOH
High–Level Output Current
(Vout = 1.25 V)
2.5
0.28
0.25
0.2
mA
IOL
Low–Level Output Current
(Vout = 0.4 V)
2.5
0.22
0.2
0.16
mA
Iin
Input Current (TE — Pull–Up Device)
2.5
0.09
1.8
µA
Iin
Input Current (A1–A5, A6/D6–A9/D9)
2.5
± 25
µA
IDD
Quiescent Current
2.5
0.05
µA
Idd
Dynamic Supply Current (fc = 20 kHz)
2.5
40
µA
ELECTRICAL CHARACTERISTICS — SC41343 and SC41344 (Voltage Referenced to VSS)
Sb l
Ch
i i
V
Guaranteed Limit
Ui
Sb l
Ch
i i
VDD
– 40
°C
25
°C
85
°C
Ui
Symbol
Characteristic
VDD
V
Min
Max
Min
Max
Min
Max
Unit
VOL
Low–Level Output Voltage
(Vin = 0 V or VDD)
2.8
5.0
10
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
0.05
V
VOH
High–Level Output Voltage
(Vin = 0 V or VDD)
2.8
5.0
10
2.75
4.95
9.95
2.75
4.95
9.95
2.75
4.95
9.95
V
VIL
Low–Level Input Voltage
(Vout = 2.3 V or 0.5 V)
(Vout = 4.5 V or 0.5 V)
(Vout = 9.0 V or 1.0 V)
2.8
5.0
10
0.84
1.5
3.0
0.84
1.5
3.0
0.84
1.5
3.0
V
VIH
High–Level Input Voltage
(Vout = 0.5 V or 2.3 V)
(Vout = 0.5 V or 4.5 V)
(Vout = 1.0 V or 9.0 V)
2.8
5.0
10
1.96
3.5
7.0
1.96
3.5
7.0
1.96
3.5
7.0
V
IOH
High–Level Output Current
(Vout = 1.4 V)
(Vout = 4.5 V)
(Vout = 9.0 V)
2.8
5.0
10
– 0.73
– 0.59
– 1.3
– 0.7
– 0.5
– 1.1
– 0.55
– 0.41
– 0.9
mA
IOL
Low–Level Output Current
(Vout = 0.4 V)
(Vout = 0.5 V)
(Vout = 1.0 V)
2.8
5.0
10
0.35
0.8
3.5
0.3
0.6
2.9
0.24
0.4
2.3
mA
Iin
Input Current — Din
10
± 0.3
± 0.3
± 1.0
µA
Iin
Input Current
A1 – A5 (SC41343)
A1 – A9 (SC41344)
2.8
5.0
10
± 30
± 140
± 600
µA
Cin
Input Capacitance (Vin = 0)
7.5
pF
IDD
Quiescent Current
2.8
5.0
10
60
75
150
µA
Idd
Dynamic Supply Current (fc = 20 kHz)
2.8
5.0
10
300
500
1000
µA


同様の部品番号 - MC145026D

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC145026D MOTOROLA-MC145026D Datasheet
490Kb / 18P
   Encoder and Decoder Pairs CMOS
logo
LANSDALE Semiconductor ...
MC145026D LANSDALE-MC145026D Datasheet
1Mb / 19P
   Encoder and Decoder Pairs
logo
Freescale Semiconductor...
MC145026D FREESCALE-MC145026D Datasheet
698Kb / 20P
   Encoder and Decoder Pairs CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com