データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FGB20N6S2D データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FGB20N6S2D
部品情報  600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB20N6S2D データシート(HTML) 4 Page - Fairchild Semiconductor

  FGB20N6S2D Datasheet HTML 1Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 2Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 3Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 4Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 5Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 6Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 7Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 8Page - Fairchild Semiconductor FGB20N6S2D Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FGH20N6S2D / FGP20N6S2D / FGB20N6S2D Rev. A1
Figure 7. Turn-On Energy Loss vs Collector to
Emitter Current
Figure 8. Turn-Off Energy Loss vs Collector to
Emitter Current
Figure 9. Turn-On Delay Time vs Collector to
Emitter Current
Figure 10. Turn-On Rise Time vs Collector to
Emitter Current
Figure 11. Turn-Off Delay Time vs Collector to
Emitter Current
Figure 12. Fall Time vs Collector to Emitter
Current
Typical Performance Curves (Continued)
150
ICE , COLLECTOR TO EMITTER CURRENT (A)
100
200
0
400
24
68
10
14
0
300
250
350
50
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
12
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
RG = 25Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 125
oC, V
GE = 10V, VGE = 15V
TJ = 25
oC, V
GE = 10V, VGE = 15V
24
68
10
14
012
150
100
200
0
350
300
250
50
RG = 25Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
6
7
8
9
10
2
4
6
8
10
14
0
TJ = 25
oC, T
J = 125
oC, V
GE = 15V
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
11
12
13
12
RG = 25Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, T
J = 125
oC, V
GE = 10V
TJ = 25
oC, T
J = 125
oC, V
GE =15V
2
4
6
8
10
14
012
0
5
10
15
20
25
30
35
RG = 25Ω, L = 500µH, VCE = 390V
80
60
ICE, COLLECTOR TO EMITTER CURRENT (A)
140
120
100
VGE = 10V, VGE = 15V, TJ = 25
oC
VGE = 10V, VGE = 15V, TJ = 125
oC
2
4
6
8
10
14
012
RG = 25Ω, L = 500µH, VCE = 390V
ICE, COLLECTOR TO EMITTER CURRENT (A)
TJ = 25
oC, V
GE = 10V or 15V
TJ = 125
oC, V
GE = 10V or 15V
2
4
6
8
10
14
012
60
40
120
100
80
RG = 25Ω, L = 500µH, VCE = 390V


同様の部品番号 - FGB20N6S2D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FGB20N6S2D FAIRCHILD-FGB20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
FGB20N6S2DT FAIRCHILD-FGB20N6S2DT Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
More results

同様の説明 - FGB20N6S2D

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FGK60N6S2D FAIRCHILD-FGK60N6S2D Datasheet
185Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH40N6S2D FAIRCHILD-FGH40N6S2D Datasheet
208Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGB30N6S2DT FAIRCHILD-FGB30N6S2DT Datasheet
287Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH30N6S2D FAIRCHILD-FGH30N6S2D Datasheet
281Kb / 12P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGH50N6S2D FAIRCHILD-FGH50N6S2D Datasheet
195Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel StealthTM Diode
FGP20N6S2D FAIRCHILD-FGP20N6S2D Datasheet
231Kb / 9P
   600V, SMPS II Series N-Channel IGBT with Anti-Parallel Stealth Diode
logo
Intersil Corporation
HGT5A40N60A4D INTERSIL-HGT5A40N60A4D Datasheet
100Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
February 2000
HGT1S3N60A4DS INTERSIL-HGT1S3N60A4DS Datasheet
130Kb / 10P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
January 2000
HGTG20N60A4D INTERSIL-HGTG20N60A4D Datasheet
351Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
October 1999
logo
Fairchild Semiconductor
HGTG20N60A4D FAIRCHILD-HGTG20N60A4D Datasheet
204Kb / 9P
   600V, SMPS Series N-Channel IGBT with Anti-Parallel Hyperfast Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com