データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS13-E2GA332MYNSA データシート(PDF) 2 Page - TDK Electronics

部品番号 CS13-E2GA332MYNSA
部品情報  Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TDK [TDK Electronics]
ホームページ  http://www.tdk.com
Logo TDK - TDK Electronics

CS13-E2GA332MYNSA データシート(HTML) 2 Page - TDK Electronics

  CS13-E2GA332MYNSA Datasheet HTML 1Page - TDK Electronics CS13-E2GA332MYNSA Datasheet HTML 2Page - TDK Electronics CS13-E2GA332MYNSA Datasheet HTML 3Page - TDK Electronics CS13-E2GA332MYNSA Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(1/3)
005-03 / 20111003 / e4b3_cs.fm
• All specifications are subject to change without notice.
Mid-high Voltage Ceramic Capacitors(Disk with Lead)
Safety Standard Approved CS Series
BASIC INSULATION TYPE/Operating temperature range: –25 to +105°C(UL standard: –25 to +85°C)
CLASS 2 HIGH DIELECTRIC
FEATURES
• Flame-resistant reinforced outer insulation prevents fires, electri-
cal shock, and other potential hazards.
• Compliant with the safety standards of 11 countries.
• It has a withstand voltage of AC.2600V
• This product is compatible with halogen-free external resin
coating (we recommend halogen-free products as standard).
CAPACITANCE TEMPERATURE CHARACTERISTICS
AND TOLERANCE
PRODUCT IDENTIFICATION
(1) Type
(2) Shape
(3) Capacitance temperature characteristics
(4) Rated voltage
(5) Nominal capacitance
(6) Capacitance tolerance
(7) Class
(8) Lead type
(9) Safety standard
(10) Halogen-free compatible product
CAPACITANCE AND DIMENSIONS
: Lead shape symbol
LIST OF STANDARD LEAD SHAPES
The lead type is indicated by the letter which is the 15th character of the product name.
Dimensions in mm
• We recommend using a vertical kink type.
• For bulk products, we recommend a short lead type with the symbol N.
Conformity to RoHS Directive
Temperature characteristics
Test temperature
range
Capacitance
tolerance
B(±10%)
–25 to +85°C
K(±10%)
E(+20, –55%)
–25 to +85°C
M(±20%)
F(+30, –80%)
–25 to +85°C
M(±20%)
CS 11
-E 2GA 222 M
Y
N
S
A
(1) (2) (3)
(4)
(5)
(6) (7) (8) (9) (10)
Part No.
Capacitance
temperature
characteristics
Capacitance
(pF)
Capacitance
tolerance
Dimensions(mm)
Taping
dimensions
Halogen-free product
Current product
D max. T max. F
d
CS70-B2GA101KY
SA
CS70-B2GA101KY
S
B(±10%)
100
K(±10%)
7.0
7.0
7.5±1.5
0.6±0.05
V2
CS70-B2GA151KY
SA
CS70-B2GA151KY
S
150
K(±10%)
7.0
7.0
7.5±1.5
0.6±0.05
V2
CS70-B2GA221KY
SA
CS70-B2GA221KY
S
220
K(±10%)
7.0
7.0
7.5±1.5
0.6±0.05
V2
CS85-B2GA331KY
SA
CS85-B2GA331KY
S
330
K(±10%)
8.5
7.0
7.5±1.5
0.6±0.05
V2
CS85-B2GA471KY
SA
CS85-B2GA471KY
S
470
K(±10%)
8.5
7.0
7.5±1.5
0.6±0.05
V2
CS95-B2GA681KY
SA
CS95-B2GA681KY
S
680
K(±10%)
9.5
7.0
7.5±1.5
0.6±0.05
V2
CS10-B2GA102KY
SA
CS10-B2GA102KY
S
1,000
K(±10%)
10.0
7.0
7.5±1.5
0.6±0.05
V2
CS80-E2GA102MY
SA
CS80-E2GA102MY
S
E(+20, –55%)
1,000
M(±20%)
8.0
7.0
7.5±1.5
0.6±0.05
V2
CS90-E2GA152MY
SA
CS90-E2GA152MY
S
1,500
M(±20%)
9.0
7.0
7.5±1.5
0.6±0.05
V2
CS11-E2GA222MY
SA
CS11-E2GA222MY
S
2,200
M(±20%)
10.5
7.0
7.5±1.5
0.6±0.05
V2
CS13-E2GA332MY
SA
CS13-E2GA332MY
S
3,300
M(±20%)
12.5
7.0
7.5±1.5
0.6±0.05
V2
CS14-E2GA392MY
SA
CS14-E2GA392MY
S
3,900
M(±20%)
13.5
7.0
7.5±1.5
0.6±0.05
V2
CS15-E2GA472MY
SA
CS15-E2GA472MY
S
4,700
M(±20%)
14.5
7.0
7.5±1.5
0.6±0.05
V3
CS12-F2GA472MY
SA
CS12-F2GA472MY
S
F(+30, –80%)
4,700
M(±20%)
12.0
7.0
7.5±1.5
0.6±0.05
V2
CS17-F2GA103MY
SA
CS17-F2GA103MY
S
10,000
M(±20%)
16.5
7.0
10±2
0.6±0.05
Long lead
Short lead
Taping
Vertical kink
Symbol G
Symbol N
Symbol V
Example) TDK Product Name: CS11-E2GA222MYNSA
N: Lead type (Vertical kink, Short)
D
T
F
d
D
T
F
d
D
T
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


同様の部品番号 - CS13-E2GA332MYNSA

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CS13-04GO4 ETC1-CS13-04GO4 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS13-06GO4 ETC1-CS13-06GO4 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS13-08GO4 ETC1-CS13-08GO4 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
CS13-10GO4 ETC1-CS13-10GO4 Datasheet
244Kb / 2P
   Netzthyristoren Phase control thyristors
More results

同様の説明 - CS13-E2GA332MYNSA

メーカー部品番号データシート部品情報
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CK45-B3AD101KYNA TDK-CK45-B3AD101KYNA Datasheet
85Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead General use
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
   High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CK45-RR TDK-CK45-RR Datasheet
84Kb / 4P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Low dissipation at high frequency
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
Revision: 14-Mar-08
EMIY2-VY2 VISHAY-EMIY2-VY2 Datasheet
171Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc Capacitor
Revision: 12-Oct-07
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
   Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
Revision: 15-Oct-09
logo
Murata Manufacturing Co...
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com