データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1019 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FIN1019
部品情報  3.3V LVDS High Speed Differential Driver/Receiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1019 データシート(HTML) 1 Page - Fairchild Semiconductor

  FIN1019 Datasheet HTML 1Page - Fairchild Semiconductor FIN1019 Datasheet HTML 2Page - Fairchild Semiconductor FIN1019 Datasheet HTML 3Page - Fairchild Semiconductor FIN1019 Datasheet HTML 4Page - Fairchild Semiconductor FIN1019 Datasheet HTML 5Page - Fairchild Semiconductor FIN1019 Datasheet HTML 6Page - Fairchild Semiconductor FIN1019 Datasheet HTML 7Page - Fairchild Semiconductor FIN1019 Datasheet HTML 8Page - Fairchild Semiconductor FIN1019 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2001 Fairchild Semiconductor Corporation
DS500506
www.fairchildsemi.com
April 2001
Revised September 2001
FIN1019
3.3V LVDS High Speed Differential Driver/Receiver
General Description
This driver and receiver pair are designed for high speed
interconnects utilizing Low Voltage Differential Signaling
(LVDS) technology. The driver translates LVTTL signals to
LVDS levels with a typical differential output swing of
350mV and the receiver translates LVDS signals, with a
typical differential input threshold of 100mV, into LVTTL
levels. LVDS technology provides low EMI at ultra low
power dissipation even at high frequencies. This device is
ideal for high speed clock or data transfer.
Features
s Greater than 400Mbs data rate
s 3.3V power supply operation
s 0.5ns maximum differential pulse skew
s 2.5ns maximum propagation delay
s Low power dissipation
s Power-Off protection
s 100mV receiver input sensitivity
s Fail safe protection open-circuit, shorted and terminated
conditions
s Meets or exceeds the TIA/EIA-644 LVDS standard
s Flow-through pinout simplifies PCB layout
s 14-Lead SOIC and TSSOP packages save space
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Function Table
H
= HIGH Logic Level
L
= LOW Logic Level
X
= Don’t Care
Z
= High Impedance
Fail Safe
= Open, Shorted, Terminated
Connection Diagram
Pin Descriptions
Order Number
Package Number
Package Description
FIN1019M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150" Narrow
FIN1019MTC
MTC14
14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Inputs
Outputs
RIN+
RIN−
RE
ROUT
LH
L
L
HL
L
H
XX
H
Z
Fail Safe Condition
L
H
DIN
DE
DOUT+
DOUT−
LH
L
H
HH
H
L
XL
Z
Z
Open
−Circuit or Z
H
L
H
Pin Name
Description
DIN
LVTTL Data Input
DOUT+
Non-inverting LVDS Output
DOUT−
Inverting LVDS Output
DE
Driver Enable (LVTTL, Active HIGH)
RIN+
Non-Inverting LVDS Input
RIN−
Inverting LVDS Input
ROUT
LVTTL Receiver Output
RE
Receiver Enable (LVTTL, Active LOW)
VCC
Power Supply
GND
Ground
NC
No Connect


同様の部品番号 - FIN1019

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
FIN1019M ONSEMI-FIN1019M Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
FIN1019MTC ONSEMI-FIN1019MTC Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
More results

同様の説明 - FIN1019

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1019 ONSEMI-FIN1019 Datasheet
1Mb / 16P
   3.3V LVDS High Speed Differential Driver/Receiver
Revised September 2001
logo
Pericom Semiconductor C...
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
Fairchild Semiconductor
FIN1028 FAIRCHILD-FIN1028_04 Datasheet
1Mb / 10P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1018 FAIRCHILD-FIN1018 Datasheet
1Mb / 8P
   3.3V LVDS 1-Bit High Speed Differential Receiver
FIN1026 FAIRCHILD-FIN1026 Datasheet
226Kb / 5P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1028 FAIRCHILD-FIN1028 Datasheet
1Mb / 9P
   3.3V LVDS 2-Bit High Speed Differential Receiver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
FIN1028 ONSEMI-FIN1028 Datasheet
750Kb / 12P
   3.3V LVDS 2-Bit High-Speed Differential Receiver
August 2008 Rev. 1.0.2
FIN1018 ONSEMI-FIN1018 Datasheet
1Mb / 10P
   3.3V LVDS 1-Bit High Speed Differential Receiver
Revised April 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com