データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1027MX データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FIN1027MX
部品情報  3.3V LVDS 2-Bit High Speed Differential Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1027MX データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FIN1027MX Datasheet HTML 4Page - Fairchild Semiconductor FIN1027MX Datasheet HTML 5Page - Fairchild Semiconductor FIN1027MX Datasheet HTML 6Page - Fairchild Semiconductor FIN1027MX Datasheet HTML 7Page - Fairchild Semiconductor FIN1027MX Datasheet HTML 8Page - Fairchild Semiconductor FIN1027MX Datasheet HTML 9Page - Fairchild Semiconductor FIN1027MX Datasheet HTML 10Page - Fairchild Semiconductor FIN1027MX Datasheet HTML 11Page - Fairchild Semiconductor FIN1027MX Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
www.fairchildsemi.com
Tape and Reel Specification
TAPE FORMAT for MLP
MLP Embossed Tape Dimensions (Dimensions are in millimeters)
REEL DIMENSIONS (millimeters)
Package
Ao
Bo
DD1
EF
Ko
P1
Po
P2
TTC
WWc
±0.10 ±0.10 ±0.05
Min
±0.1
±0.1
±0.1
TYP
TYP
±0/05
TYP
±0.005 ±0.3
TYP
2 x 2
2.30
2.30
1.55
1.0
1.75
3.5
1.0
8.0
4.0
2.0
0.3
0.06
8.0
5.3
Tape Width
Dia A
Max
Dim B
Min
Dia C
+0.5/−0.2
Dia D
Min
Dim N
Min
Dim W1
+2/−0
Dim W2
Max
Dim W3
(LSL - USL)
8 mm
330
1.5
13
20.2
178
8.4
14.4
7.9
∼ 10.4


同様の部品番号 - FIN1027MX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1027MX FAIRCHILD-FIN1027MX Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
More results

同様の説明 - FIN1027MX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1027A ONSEMI-FIN1027A Datasheet
752Kb / 13P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
April 2009 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1027 FAIRCHILD-FIN1027_09 Datasheet
700Kb / 11P
   3.3V LVDS, 2-Bit, High-Speed, Differential Driver
FIN1025 FAIRCHILD-FIN1025 Datasheet
264Kb / 7P
   3.3V LVDS 2-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1001 ONSEMI-FIN1001 Datasheet
737Kb / 11P
   3.3V LVDS 1-Bit High-Speed Differential Driver
March 2017 Rev. 1.4
logo
Fairchild Semiconductor
FIN1031 FAIRCHILD-FIN1031 Datasheet
203Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Driver
FIN1001 FAIRCHILD-FIN1001 Datasheet
618Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
FIN1017 FAIRCHILD-FIN1017 Datasheet
622Kb / 8P
   3.3V LVDS 1-Bit High Speed Differential Driver
logo
ON Semiconductor
FIN1031 ONSEMI-FIN1031 Datasheet
305Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Driver
Revised July 2001
FIN1017 ONSEMI-FIN1017 Datasheet
791Kb / 13P
   3.3V LVDS, 1-Bit, High-Speed Differential Driver
May 2010 Rev. 1.0.3
logo
Fairchild Semiconductor
FIN1001 FAIRCHILD-FIN1001_04 Datasheet
616Kb / 7P
   3.3V LVDS 1-Bit High Speed Differential Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com