データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1108MTD データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FIN1108MTD
部品情報  LVDS 8 Port High Speed Repeater
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1108MTD データシート(HTML) 4 Page - Fairchild Semiconductor

  FIN1108MTD Datasheet HTML 1Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 2Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 3Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 4Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 5Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 6Page - Fairchild Semiconductor FIN1108MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions
Note 1: The “Absolute Maximum Ratings”: are those values beyond which
damage to the device may occur. The databook specifications should be
met, without exception, to ensure that the system design is reliable over its
power supply, temperature and output/input loading variables. Fairchild
does not recommend operation of circuits outside databook specification.
DC Electrical Characteristics
Note 2: All typical values are at TA = 25°C and with VCC = 3.3V.
Supply Voltage (VCC)
−0.5V to +4.6V
LVDS DC Input Voltage (VIN)
−0.5V to +4.6V
LVDS DC Output Voltage (VOUT)
−0.5V to +4.6V
Driver Short Circuit Current (IOSD)
Continuous 10 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Max Junction Temperature (TJ)150°C
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
ESD (Human Body Model)
7500V
ESD (Machine Model)
400V
Supply Voltage (VCC)
3.0V to 3.6V
Magnitude of Differential
Voltage (|VID|)
100 mV to VCC
Common Mode Voltage
Range (VIC)(0V + |VID|/2) to (VCC − |VID|/2)
Operating Temperature (TA)
−40°C to +85°C
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
(Note 2)
VTH
Differential Input Threshold HIGH
See Figure 1; VIC = +0.05V, + 1.2V, or VCC − 0.05V
100
mV
VTL
Differential Input Threshold LOW
See Figure 1; VIC = +0.05V, + 1.2V, or VCC − 0.05V
−100
mV
VIH
Input HIGH Voltage (EN or EN)2.0
VCC
V
VIL
Input LOW Voltage (EN or EN)GND
0.8
V
VOD
Output Differential Voltage
250
330
450
mV
∆V
OD
VOD Magnitude Change from
25
mV
Differential LOW-to-HIGH
RL = 100 Ω, Driver Enabled,
VOS
Offset Voltage
See Figure 2
1.125
1.23
1.375
V
∆V
OS
Offset Magnitude Change from
25
mV
Differential LOW-to-HIGH
IOS
Short Circuit Output Current
DOUT+ = 0V and DOUT− = 0V,
−3.4
−6mA
Driver Enabled
VOD = 0V, Driver Enabled
±3.4
±6mA
IIN
Input Current (EN, EN, DINx+, DINx−)VIN = 0V to VCC, Other Input = VCC or 0V
±20
µA
(for Differential Inputs)
IOFF
Power Off Input or Output Current
VCC = 0V, VIN or VOUT = 0V to 3.6V
±20
µA
ICCZ
Disabled Power Supply Current
Drivers Disabled
20
mA
ICC
Power Supply Current
Drivers Enabled, Any Valid Input Condition
80
mA
IOZ
Disabled Output Leakage Current
Driver Disabled, DOUT+ = 0V to 3.6V or
±20
µA
DOUT− = 0V to 3.6V
VIC
Common Mode Voltage Range
VID/2
VCC − (VID/2)
V
CIN
Input Capacitance
Enable Input
3
pF
LVDS Input
3
COUT
Output Capacitance
3pF
VBB
Output Reference Voltage
VCC = 3.3V, IBB = 0 to −275 µA
1.125
1.2
1.375
V
RT
Terminating Resistance
100


同様の部品番号 - FIN1108MTD

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1108MTD FAIRCHILD-FIN1108MTD Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
ON Semiconductor
FIN1108MTD ONSEMI-FIN1108MTD Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108MTDX FAIRCHILD-FIN1108MTDX Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
ON Semiconductor
FIN1108MTDX ONSEMI-FIN1108MTDX Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
More results

同様の説明 - FIN1108MTD

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FIN1108 ONSEMI-FIN1108 Datasheet
693Kb / 11P
   LVDS 8-Port, High-Speed Repeater
September 2010 Rev. 1.0.4
logo
Fairchild Semiconductor
FIN1108 FAIRCHILD-FIN1108_10 Datasheet
672Kb / 9P
   LVDS 8-Port, High-Speed Repeater
logo
Texas Instruments
SN65LVDS108 TI1-SN65LVDS108_14 Datasheet
587Kb / 21P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
ON Semiconductor
FIN1101 ONSEMI-FIN1101 Datasheet
369Kb / 8P
   LVDS Single Port High Speed Repeater
Revised September 2002
logo
Powertip Technology
FIN1104 POWERTIP-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
logo
Fairchild Semiconductor
FIN1101 FAIRCHILD-FIN1101 Datasheet
267Kb / 6P
   LVDS Single Port High Speed Repeater
FIN1102 FAIRCHILD-FIN1102 Datasheet
320Kb / 5P
   LVDS 2 Port High Speed Repeater
logo
ON Semiconductor
FIN1104 ONSEMI-FIN1104 Datasheet
451Kb / 8P
   LVDS 4 Port High Speed Repeater
Revised January 2003
logo
Texas Instruments
SN65LVDS108 TI-SN65LVDS108 Datasheet
223Kb / 16P
[Old version datasheet]   8-PORT LVDS REPEATER
logo
Fairchild Semiconductor
FIN1104 FAIRCHILD-FIN1104 Datasheet
358Kb / 6P
   LVDS 4 Port High Speed Repeater
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com