データシートサーチシステム |
|
FIN1108TMTD データシート(PDF) 4 Page - Fairchild Semiconductor |
|
FIN1108TMTD データシート(HTML) 4 Page - Fairchild Semiconductor |
4 / 7 page www.fairchildsemi.com 4 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions Note 1: The “Absolute Maximum Ratings”: are those values beyond which damage to the device may occur. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature and output/input loading variables. Fairchild does not recommend operation of circuits outside databook specification. DC Electrical Characteristics Note 2: All typical values are at TA = 25°C and with VCC = 3.3V. Supply Voltage (VCC) −0.5V to +4.6V LVDS DC Input Voltage (VIN) −0.5V to +4.6V LVDS DC Output Voltage (VOUT) −0.5V to +4.6V Driver Short Circuit Current (IOSD) Continuous 10 mA Storage Temperature Range (TSTG) −65°C to +150°C Max Junction Temperature (TJ)150°C Lead Temperature (TL) (Soldering, 10 seconds) 260 °C ESD (Human Body Model) 7500V ESD (Machine Model) 400V Supply Voltage (VCC) 3.0V to 3.6V Magnitude of Differential Voltage (|VID|) 100 mV to VCC Common Mode Voltage Range (VIC)(0V + |VID|/2) to (VCC − |VID|/2) Operating Temperature (TA) −40°C to +85°C Symbol Parameter Test Conditions Min Typ Max Units (Note 2) VTH Differential Input Threshold HIGH See Figure 1; VIC = +0.05V, + 1.2V, or VCC − 0.05V 100 mV VTL Differential Input Threshold LOW See Figure 1; VIC = +0.05V, + 1.2V, or VCC − 0.05V −100 mV VIH Input HIGH Voltage (EN or EN)2.0 VCC V VIL Input LOW Voltage (EN or EN)GND 0.8 V VOD Output Differential Voltage 250 330 450 mV ∆V OD VOD Magnitude Change from 25 mV Differential LOW-to-HIGH RL = 100 Ω, Driver Enabled, VOS Offset Voltage See Figure 2 1.125 1.23 1.375 V ∆V OS Offset Magnitude Change from 25 mV Differential LOW-to-HIGH IOS Short Circuit Output Current DOUT+ = 0V and DOUT− = 0V, −3.4 −6mA Driver Enabled VOD = 0V, Driver Enabled ±3.4 ±6mA IIN Input Current (EN, EN, DINx+, DINx−)VIN = 0V to VCC, Other Input = VCC or 0V ±20 µA (for Differential Inputs) IOFF Power Off Input or Output Current VCC = 0V, VIN or VOUT = 0V to 3.6V ±20 µA ICCZ Disabled Power Supply Current Drivers Disabled 20 mA ICC Power Supply Current Drivers Enabled, Any Valid Input Condition 80 mA IOZ Disabled Output Leakage Current Driver Disabled, DOUT+ = 0V to 3.6V or ±20 µA DOUT− = 0V to 3.6V VIC Common Mode Voltage Range VID/2 VCC − (VID/2) V CIN Input Capacitance Enable Input 3 pF LVDS Input 3 COUT Output Capacitance 3pF VBB Output Reference Voltage VCC = 3.3V, IBB = 0 to −275 µA 1.125 1.2 1.375 V RT Terminating Resistance 100 Ω |
同様の部品番号 - FIN1108TMTD |
|
同様の説明 - FIN1108TMTD |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |