データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FIN1532MTC データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FIN1532MTC
部品情報  5V LVDS 4-Bit High Speed Differential Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN1532MTC データシート(HTML) 6 Page - Fairchild Semiconductor

  FIN1532MTC Datasheet HTML 1Page - Fairchild Semiconductor FIN1532MTC Datasheet HTML 2Page - Fairchild Semiconductor FIN1532MTC Datasheet HTML 3Page - Fairchild Semiconductor FIN1532MTC Datasheet HTML 4Page - Fairchild Semiconductor FIN1532MTC Datasheet HTML 5Page - Fairchild Semiconductor FIN1532MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
www.fairchildsemi.com
6
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
16-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Package Number MTC16
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and
Fairchild reserves the right at any time without notice to change said circuitry and specifications.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT
DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD
SEMICONDUCTOR CORPORATION. As used herein:
1. Life support devices or systems are devices or systems
which, (a) are intended for surgical implant into the
body, or (b) support or sustain life, and (c) whose failure
to perform when properly used in accordance with
instructions for use provided in the labeling, can be rea-
sonably expected to result in a significant injury to the
user.
2. A critical component in any component of a life support
device or system whose failure to perform can be rea-
sonably expected to cause the failure of the life support
device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com


同様の部品番号 - FIN1532MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1532MTC FAIRCHILD-FIN1532MTC Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTCX FAIRCHILD-FIN1532MTCX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
More results

同様の説明 - FIN1532MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FIN1532MX FAIRCHILD-FIN1532MX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1532MTCX FAIRCHILD-FIN1532MTCX Datasheet
249Kb / 6P
   5V LVDS 4-Bit High Speed Differential Receiver
FIN1531 FAIRCHILD-FIN1531 Datasheet
206Kb / 6P
   5V LVDS 4-Bit High Speed Differential Driver
FIN1032 FAIRCHILD-FIN1032 Datasheet
246Kb / 6P
   3.3V LVDS 4-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1032 ONSEMI-FIN1032 Datasheet
340Kb / 8P
   3.3V LVDS 4-Bit High Speed Differential Receiver
Revised December 2001
logo
Fairchild Semiconductor
FIN1002 FAIRCHILD-FIN1002 Datasheet
1,019Kb / 7P
   LVDS 1-Bit High Speed Differential Receiver
logo
ON Semiconductor
FIN1002 ONSEMI-FIN1002 Datasheet
977Kb / 11P
   LVDS 1-Bit, High-Speed Differential Receiver
July 2016 Rev. 1.2
logo
Fairchild Semiconductor
FIN1048 FAIRCHILD-FIN1048 Datasheet
249Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MTCX FAIRCHILD-FIN1048MTCX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
FIN1048MX FAIRCHILD-FIN1048MX Datasheet
253Kb / 6P
   3.3V LVDS 4-Bit Flow-Through High Speed Differential Receiver
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com