データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5328 データシート(PDF) 1 Page - Analog Devices

部品番号 AD5328
部品情報  2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5328 データシート(HTML) 1 Page - Analog Devices

  AD5328 Datasheet HTML 1Page - Analog Devices AD5328 Datasheet HTML 2Page - Analog Devices AD5328 Datasheet HTML 3Page - Analog Devices AD5328 Datasheet HTML 4Page - Analog Devices AD5328 Datasheet HTML 5Page - Analog Devices AD5328 Datasheet HTML 6Page - Analog Devices AD5328 Datasheet HTML 7Page - Analog Devices AD5328 Datasheet HTML 8Page - Analog Devices AD5328 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
2.5 V to 5.5 V Octal Voltage Output
8-/10-/12-Bit DACs in 16-Lead TSSOP
AD5308/AD5318/AD5328
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2011 Analog Devices, Inc. All rights reserved.
FEATURES
AD5308: 8 buffered 8-bit DACs in 16-lead TSSOP
A version: ±1 LSB INL, B version: ±0.75 LSB INL
AD5318: 8 buffered 10-bit DACs in 16-lead TSSOP
A version: ±4 LSB INL, B version: ±3 LSB INL
AD5328: 8 buffered 12-bit DACs in 16-lead TSSOP
A version: ±16 LSB INL, B version: ±12 LSB INL
Low power operation: 0.7 mA @ 3 V
Guaranteed monotonic by design over all codes
Power-down to 120 nA @ 3 V, 400 nA @ 5 V
Double-buffered input logic
Buffered/unbuffered/VDD reference input options
Output range: 0 V to VREF or 0 V to 2 VREF
Power-on reset to 0 V
Programmability
Individual channel power-down
Simultaneous update of outputs (LDAC)
Low power, SPI-®, QSPI-™, MICROWIRE-™, and DSP-
compatible 3-wire serial interface
On-chip rail-to-rail output buffer amplifiers
Temperature range: −40°C to +125°C
Qualified for automotive applications
APPLICATIONS
Portable battery-powered instruments
Digital gain and offset adjustment
Programmable voltage and current sources
Optical networking
Automatic test equipment
Mobile communications
Programmable attenuators
Industrial process control
GENERAL DESCRIPTION
The AD5308/AD5318/AD5328 are octal 8-, 10-, and 12-bit
buffered voltage output DACs in a 16-lead TSSOP. They operate
from a single 2.5 V to 5.5 V supply, consuming 0.7 mA typical
at 3 V. Their on-chip output amplifiers allow the outputs to
swing rail-to-rail with a slew rate of 0.7 V/μs. The AD5308/
AD5318/AD5328 use a versatile 3-wire serial interface that
operates at clock rates up to 30 MHz and is compatible with
standard SPI, QSPI, MICROWIRE, and DSP interface
standards.
The references for the eight DACs are derived from two
reference pins (one per DAC quad). These reference inputs can
be configured as buffered, unbuffered, or VDD inputs. The parts
incorporate a power-on reset circuit, which ensures that the
DAC outputs power up to 0 V and remain there until a valid
write to the device takes place. The outputs of all DACs may be
updated simultaneously using the asynchronous LDAC input.
The parts contain a power-down feature that reduces the current
consumption of the devices to 400 nA at 5 V (120 nA at 3 V).
The eight channels of the DAC may be powered down individually.
All three parts are offered in the same pinout, which allows
users to select the resolution appropriate for their application
without redesigning their circuit board.


同様の部品番号 - AD5328

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5328 AD-AD5328 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5328 AD-AD5328 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5328 AD-AD5328 Datasheet
357Kb / 24P
   2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
Rev. H
AD5328 AD-AD5328 Datasheet
565Kb / 24P
   2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5328ARU AD-AD5328ARU Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
More results

同様の説明 - AD5328

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5308 AD-AD5308_1 Datasheet
575Kb / 24P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. D
AD5318 AD-AD5318_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5328 AD-AD5328_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308 Datasheet
308Kb / 19P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. B
AD5328ARUZ AD-AD5328ARUZ Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5308 AD-AD5308_15 Datasheet
408Kb / 28P
   2.5 V to 5.5 V Octal Voltage Output 8-/10-/12-Bit DACs in 16-Lead TSSOP
Rev. F
AD5307 AD-AD5307_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5317 AD-AD5317_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5327 AD-AD5327_15 Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
AD5307BRU AD-AD5307BRU Datasheet
585Kb / 28P
   2.5 V to 5.5 V, 400 關A, Quad Voltage Output, 8-/10-/12-Bit DACs in 16-Lead TSSOP
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com