データシートサーチシステム |
|
LM317KSTEEL データシート(PDF) 4 Page - Texas Instruments |
|
|
LM317KSTEEL データシート(HTML) 4 Page - Texas Instruments |
4 / 38 page LM117, LM317-N SNVS774L – MAY 2004 – REVISED FEBRUARY 2011 www.ti.com These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Absolute Maximum Ratings (1) (2) Power Dissipation Internally Limited Input-Output Voltage Differential +40V, −0.3V Storage Temperature −65°C to +150°C Lead Temperature Metal Package (Soldering, 10 seconds) 300°C Plastic Package (Soldering, 4 seconds) 260°C ESD Tolerance (3) 3 kV (1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is intended to be functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications apply only for the test conditions listed. (2) If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and specifications. (3) Human body model, 100 pF discharged through a 1.5 k Ω resistor. Operating Temperature Range LM117 −55°C ≤ TJ ≤ +150°C LM317A −40°C ≤ TJ ≤ +125°C LM317-N 0°C ≤ TJ ≤ +125°C Preconditioning Thermal Limit Burn-In All Devices 100% LM117 Electrical Characteristics (1) Specifications with standard type face are for TJ = 25°C, and those with boldface type apply over full Operating Temperature Range. Unless otherwise specified, VIN − VOUT = 5V, and IOUT = 10 mA. LM117 (2) Parameter Conditions Min Typ Max Units 3V ≤ (VIN − VOUT) ≤ 40V, Reference Voltage 1.20 1.25 1.30 V 10 mA ≤ IOUT ≤ IMAX (1) 0.01 0.02 Line Regulation 3V ≤ (VIN − VOUT) ≤ 40V (3) %/V 0.02 0.05 0.1 0.3 Load Regulation 10 mA ≤ IOUT ≤ IMAX (1) (3) % 0.3 1 Thermal Regulation 20 ms Pulse 0.03 0.07 %/W Adjustment Pin Current 50 100 μA 10 mA ≤ IOUT ≤ IMAX (1) Adjustment Pin Current Change 0.2 5 μA 3V ≤ (VIN − VOUT) ≤ 40V Temperature Stability TMIN ≤ TJ ≤ TMAX 1 % Minimum Load Current (VIN − VOUT) = 40V 3.5 5 mA NDS Package 1.5 2.2 3.4 (VIN − VOUT) ≤ 15V A NDT, NAJ Package 0.5 0.8 1.8 Current Limit NDS Package 0.3 0.4 (VIN − VOUT) = 40V A NDT, NAJ Package 0.15 0.20 RMS Output Noise, % of VOUT 10 Hz ≤ f ≤ 10 kHz 0.003 % (1) IMAX = 1.5A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0A for the DCY (SOT-223) package. IMAX = 0.5A for the NDT (TO), MDT (PFM), and NAJ (LCCC) packages. Device power dissipation (PD) is limited by ambient temperature (TA), device maximum junction temperature (TJ), and package thermal resistance (θJA). The maximum allowable power dissipation at any temperature is : PD(MAX) = ((TJ(MAX) - TA)/θJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL). (2) Refer to RETS117H drawing for the LM117H, or the RETS117K for the LM117K military specifications. (3) Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating effects are covered under the specifications for thermal regulation. 4 Submit Documentation Feedback Copyright © 2004–2011, Texas Instruments Incorporated Product Folder Links: LM117 LM317-N |
同様の部品番号 - LM317KSTEEL |
|
同様の説明 - LM317KSTEEL |