データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084 データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1084
部品情報  LM1084 5A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1084 データシート(HTML) 4 Page - Texas Instruments

  LM1084 Datasheet HTML 1Page - Texas Instruments LM1084 Datasheet HTML 2Page - Texas Instruments LM1084 Datasheet HTML 3Page - Texas Instruments LM1084 Datasheet HTML 4Page - Texas Instruments LM1084 Datasheet HTML 5Page - Texas Instruments LM1084 Datasheet HTML 6Page - Texas Instruments LM1084 Datasheet HTML 7Page - Texas Instruments LM1084 Datasheet HTML 8Page - Texas Instruments LM1084 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LM1084
SNVS037F – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
Typicals and limits appearing in normal type apply for TJ = 25°C. Limits appearing in Boldface type apply over the entire
junction temperature range for operation.
Min
Typ
Max
Symbol
Parameter
Conditions
Units
(1)
(2)
(1)
VREF
Reference Voltage
LM1084-ADJ
1.238
1.250
1.262
V
IOUT = 10mA, VIN−VOUT = 3V
1.225
1.250
1.270
V
10mA
≤IOUT ≤ IFULL LOAD,1.5V ≤ (VIN−VOUT) ≤ 25V
(3)
VOUT
Output Voltage
LM1084-3.3
(3)
IOUT = 0mA, VIN = 8V
3.270
3.300
3.330
V
0
≤ IOUT ≤IFULL LOAD, 4.8V≤ VIN ≤15V
3.235
3.300
3.365
V
LM1084-5.0
IOUT = 0mA, VIN = 8V
4.950
5.000
5.050
V
0
≤ IOUT ≤ IFULL LOAD, 6.5V ≤ VIN ≤ 20V
4.900
5.000
5.100
V
LM1084-12
IOUT = 0mA, VIN = 15V
11.880
12.000
12.120
V
0
≤ IOUT ≤ IFULL LOAD, 13.5V ≤ VIN ≤ 25V
11.760
12.000
12.240
V
ΔVOUT
Line Regulation
LM1084-ADJ
0.015
0.2
%
(4)
IOUT =10mA, 1.5V≤ (VIN-VOUT) ≤ 15V
0.035
0.2
%
LM1084-3.3
0.5
6
mV
IOUT = 0mA, 4.8V ≤ VIN ≤ 15V
1.0
6
mV
LM1084-5.0
0.5
10
mV
IOUT = 0mA, 6.5V ≤ VIN ≤ 20V
1.0
10
mV
LM1084-12
1.0
25
mV
I OUT =0mA, 13.5V ≤ VIN ≤ 25V
2.0
25
mV
ΔVOUT
Load Regulation
LM1084-ADJ
0.1
0.3
%
(4)
(VIN-V OUT) = 3V, 10mA ≤ IOUT ≤ IFULL LOAD
0.2
0.4
%
LM1084-3.3
3
15
mV
VIN = 5V, 0 ≤ IOUT ≤ IFULL LOAD
7
20
mV
LM1084-5.0
5
20
mV
VIN = 8V, 0 ≤ IOUT ≤ IFULL LOAD
10
35
mV
LM1084-12
12
36
mV
VIN = 15V, 0 ≤ IOUT ≤ IFULL LOAD
24
72
mV
Dropout Voltage (5)
LM1084-ADJ, 3.3, 5, 12
ΔVREF, ΔVOUT = 1%, IOUT = 5A
1.3
1.5
V
ILIMIT
Current Limit
LM1084-ADJ
VIN−VOUT = 5V
5.5
8.0
A
VIN−VOUT = 25V
0.3
0.6
A
LM1084-3.3
VIN = 8V
5.5
8.0
A
LM1084-5.0
VIN = 10V
5.5
8.0
A
LM1084-12
VIN = 17V
5.5
8.0
A
Minimum Load
LM1084-ADJ
Current (6)
VIN −VOUT = 25V
5
10.0
mA
Quiescent Current
LM1084-3.3
VIN = 18V
5.0
10.0
mA
LM1084-5.0
VIN ≤ 20V
5.0
10.0
mA
LM1084-12
VIN ≤ 25V
5.0
10.0
mA
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical Values represent the most likely parametric norm.
(3)
IFULLLOAD is defined in the current limit curves. The IFULLLOAD Curve defines the current limit as a function of input-to-output voltage.
Note that 30W power dissipation for the LM1084 is only achievable over a limited range of input-to-output voltage.
(4)
Load and line regulation are measured at constant junction temperature, and are ensured up to the maximum power dissipation of 30W.
Power dissipation is determined by the input/output differential and the output current. ensured maximum power dissipation will not be
available over the full input/output range.
(5)
Dropout voltage is specified over the full output current range of the device.
(6)
The minimum output current required to maintain regulation.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM1084


同様の部品番号 - LM1084

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LM1084 ETC1-LM1084 Datasheet
82Kb / 2P
   5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
HTC Korea TAEJIN Techno...
LM1084 HTC-LM1084 Datasheet
255Kb / 7P
   5A L.D.O. VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Tiger Electronic Co.,Lt...
LM1084 TGS-LM1084 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
LM1084-15 TGS-LM1084-15 Datasheet
2Mb / 1P
   5A LOW DROPOUT POSITIVE REGULATOR
More results

同様の説明 - LM1084

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com