データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1084IS-ADJ データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM1084IS-ADJ
部品情報  LM1084 5A Low Dropout Positive Regulators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1084IS-ADJ データシート(HTML) 11 Page - Texas Instruments

Back Button LM1084IS-ADJ Datasheet HTML 7Page - Texas Instruments LM1084IS-ADJ Datasheet HTML 8Page - Texas Instruments LM1084IS-ADJ Datasheet HTML 9Page - Texas Instruments LM1084IS-ADJ Datasheet HTML 10Page - Texas Instruments LM1084IS-ADJ Datasheet HTML 11Page - Texas Instruments LM1084IS-ADJ Datasheet HTML 12Page - Texas Instruments LM1084IS-ADJ Datasheet HTML 13Page - Texas Instruments LM1084IS-ADJ Datasheet HTML 14Page - Texas Instruments LM1084IS-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
LM1084
www.ti.com
SNVS037F – SEPTEMBER 1999 – REVISED MARCH 2013
THERMAL CONSIDERATIONS
ICs heats up when in operation, and power consumption is one factor in how hot it gets. The other factor is how
well the heat is dissipated. Heat dissipation is predictable by knowing the thermal resistance between the IC and
ambient (
θJA). Thermal resistance has units of temperature per power (C/W). The higher the thermal resistance,
the hotter the IC.
The LM1084 specifies the thermal resistance for each package as junction to case (
θJC). In order to get the total
resistance to ambient (
θJA), two other thermal resistance must be added, one for case to heat-sink (θCH) and one
for heatsink to ambient (
θHA). The junction temperature can be predicted as follows:
TJ = TA + PD JC + θCH + θHA) = TA + PD θJA
TJ is junction temperature, TA is ambient temperature, and PD is the power consumption of the device. Device
power consumption is calculated as follows:
IIN = IL + IG
PD = (VIN−VOUT) IL + VINIG
Figure 21 shows the voltages and currents which are present in the circuit.
Figure 21. Power Dissipation Diagram
Once the devices power is determined, the maximum allowable (
θJA (max)) is calculated as:
θJA (max) = TR(max)/PD = TJ(max) − TA(max)/PD
The LM1084 has different temperature specifications for two different sections of the IC: the control section and
the output section. The Electrical Characteristics table shows the junction to case thermal resistances for each of
these sections, while the maximum junction temperatures (TJ(max)) for each section is listed in the Absolute
Maximum Ratings section of the datasheet. TJ(max) is 125°C for the control section, while TJ(max) is 150°C for the
output section.
θJA (max) should be calculated separately for each section as follows:
θJA (max, CONTROL SECTION) = (125°C - TA(max))/PD
θJA (max, OUTPUT SECTION) = (150°C - TA(max))/PD
The required heat sink is determined by calculating its required thermal resistance (
θHA (max)).
θHA (max) = θJA (max) − (θJC + θCH)
(
θHA (max)) should also be calculated twice as follows:
(
θHA (max)) = θJA (max, CONTROL SECTION) - (θJC (CONTROL SECTION) + θCH)
(
θHA (max)) = θJA(max, OUTPUT SECTION) - (θJC (OUTPUT SECTION) + θCH)
If thermal compound is used,
θCH can be estimated at 0.2 C/W. If the case is soldered to the heat sink, then a
θCH can be estimated as 0 C/W.
After,
θHA (max) is calculated for each section, choose the lower of the two θHA (max) values to determine the
appropriate heat sink.
If PC board copper is going to be used as a heat sink, then Figure 22 can be used to determine the appropriate
area (size) of copper foil required.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1084


同様の部品番号 - LM1084IS-ADJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM1084IS-ADJ NSC-LM1084IS-ADJ Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
More results

同様の説明 - LM1084IS-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com