データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3241 データシート(PDF) 4 Page - Texas Instruments

部品番号 LM3241
部品情報  LM3241 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM3241 データシート(HTML) 4 Page - Texas Instruments

  LM3241_13 Datasheet HTML 1Page - Texas Instruments LM3241_13 Datasheet HTML 2Page - Texas Instruments LM3241_13 Datasheet HTML 3Page - Texas Instruments LM3241_13 Datasheet HTML 4Page - Texas Instruments LM3241_13 Datasheet HTML 5Page - Texas Instruments LM3241_13 Datasheet HTML 6Page - Texas Instruments LM3241_13 Datasheet HTML 7Page - Texas Instruments LM3241_13 Datasheet HTML 8Page - Texas Instruments LM3241_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
LM3241
SNOSB38B – JANUARY 2009 – REVISED APRIL 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Feedback voltage at minimum
VFB,MIN
PWM mode, VCON = 0.24V
0.58
0.6
0.62
setting
V
Feedback voltage at maximum
PWM mode, VCON = 1.36V, VIN =
VFB,MAX
3.332
3.4
3.468
setting
3.9V
EN = SW = VCON = 0V
ISHDN
Shutdown supply current
0.1
2
µA
(4)
PWM mode, No switching
IQ_PWM
PWM mode Quiescent current
VCON = 0V, FB = 1V
620
750
(5)
µA
ECO mode, No switching
IQ_ECO
ECO mode Quiescent current
VCON = 0.8V, FB = 2.05V
45
60
(5)
VIN = VGS = 3.6V
RDSON (P)
Pin-pin resistance for PFET
160
250
ISW = 200 mA
m
VIN = VGS = 3.6V
RDSON (N)
Pin-pin resistance for NFET
110
200
ISW = −200 mA
ILIM
PFET switch peak current limit
(6)
1300
1450
1600
mA
FOSC
Internal oscillator frequency
5.7
6
6.3
MHz
VIH
EN Logic high input threshold
1.2
V
VIL
EN Logic low input threshold
0.4
Gain
VCON to VOUT gain
0.24V
≤ VCON ≤ 1.36V
2.5
V/V
ICON
VCON pin leakage current
VCON = 1.0V
±1
µA
(1)
All voltages are with respect to the potential at the GND pins.
(2)
Min and Max limits are specified by design, test, or statistical analysis.
(3)
The parameters in the electrical characteristics table are tested under open loop conditions at VIN = 3.6V unless otherwise
specified. For performance over the input voltage range and closed-loop results, refer to the datasheet curves.
(4)
Shutdown current includes leakage current of PFET.
(5)
IQ specified here is when the part is not switching under test mode conditions. For operating quiescent current at no load, refer to
datasheet curves.
(6)
Current limit is built-in, fixed, and not adjustable.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM3241


同様の部品番号 - LM3241_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
More results

同様の説明 - LM3241_13

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3241 TI1-LM3241 Datasheet
185Kb / 6P
[Old version datasheet]   LM3241 PRODUCT BRIEF 6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
October 13, 2011
LM3242 TI1-LM3242_14 Datasheet
4Mb / 28P
[Old version datasheet]   6MHz, 750mA Miniature, Adjustable, Step-Down DC-DC Converter with Auto Bypass for RF Power Amplifiers
REVISED MARCH 2013
LM3242 TI1-LM3242 Datasheet
1Mb / 32P
[Old version datasheet]   750mA Miniature Adjustable Step-Down DC-DC Converter
REVISED AUGUST 2015
logo
National Semiconductor ...
LM3202 NSC-LM3202 Datasheet
1Mb / 15P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205_09 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
LM3205 NSC-LM3205 Datasheet
1Mb / 18P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Global Mixed-mode Techn...
G5302 GMT-G5302 Datasheet
77Kb / 1P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3202 NSC-LM3202_06 Datasheet
3Mb / 16P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
Texas Instruments
LM3205 TI1-LM3205 Datasheet
1Mb / 24P
[Old version datasheet]   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
logo
National Semiconductor ...
LM3208 NSC-LM3208 Datasheet
1Mb / 17P
   650mA Miniature, Adjustable, Step-Down DC-DC Converter for RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com