データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2574HVMX-ADJ データシート(PDF) 1 Page - Texas Instruments

部品番号 LM2574HVMX-ADJ
部品情報  LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVMX-ADJ データシート(HTML) 1 Page - Texas Instruments

  LM2574HVMX-ADJ Datasheet HTML 1Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 2Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 3Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 4Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 5Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 6Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 7Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 8Page - Texas Instruments LM2574HVMX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
LM2574, LM2574HV
www.ti.com
SNVS104C – JUNE 1999 – REVISED APRIL 2013
LM2574/LM2574HV SIMPLE SWITCHER™ 0.5A Step-Down Voltage Regulator
Check for Samples: LM2574, LM2574HV
1
FEATURES
DESCRIPTION
The LM2574 series of regulators are monolithic
23
3.3V, 5V, 12V, 15V, and Adjustable Output
integrated circuits that provide all the active functions
Versions
for a step-down (buck) switching regulator, capable of
Adjustable Version Output Voltage Range,
driving a 0.5A load with excellent line and load
1.23V to 37V (57V for HV version) ±4% Max
regulation. These devices are available in fixed output
Over Line and Load Conditions
voltages of 3.3V, 5V, 12V, 15V, and an adjustable
output version.
Specified 0.5A Output Current
Wide Input Voltage Range, 40V, up to 60V for
Requiring
a
minimum
number
of
external
HV Version
components, these regulators are simple to use and
include internal frequency compensation and a fixed-
Requires Only 4 External Components
frequency oscillator.
52 kHz Fixed Frequency Internal Oscillator
The
LM2574
series
offers
a
high-efficiency
TTL Shutdown Capability, Low Power Standby
replacement
for
popular
three-terminal
linear
Mode
regulators. Because of its high efficiency, the copper
High Efficiency
traces on the printed circuit board are normally the
only heat sinking needed.
Uses Readily Available Standard Inductors
Thermal Shutdown and Current Limit
A standard series of inductors optimized for use with
Protection
the LM2574 are available from several different
manufacturers. This feature greatly simplifies the
design of switch-mode power supplies.
APPLICATIONS
Other features include a specified ±4% tolerance on
Simple High-Efficiency Step-Down (Buck)
output voltage within specified input voltages and
Regulator
output load conditions, and ±10% on the oscillator
Efficient Pre-Regulator for Linear Regulators
frequency. External shutdown is included, featuring
On-Card Switching Regulators
50
μA (typical) standby current. The output switch
includes cycle-by-cycle current limiting, as well as
Positive to Negative Converter (Buck-Boost)
thermal shutdown for full protection under fault
conditions.
Typical Application (Fixed Output Voltage Versions)
Note: Pin numbers are for 8-pin PDIP package.
Figure 1.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - LM2574HVMX-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2574HVMX-ADJ/NOPB TI1-LM2574HVMX-ADJ/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
More results

同様の説明 - LM2574HVMX-ADJ

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI1-LM2574_16 Datasheet
3Mb / 38P
[Old version datasheet]   SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com