データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33071PG データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC33071PG
部品情報  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071PG データシート(HTML) 5 Page - ON Semiconductor

  MC33071PG Datasheet HTML 1Page - ON Semiconductor MC33071PG Datasheet HTML 2Page - ON Semiconductor MC33071PG Datasheet HTML 3Page - ON Semiconductor MC33071PG Datasheet HTML 4Page - ON Semiconductor MC33071PG Datasheet HTML 5Page - ON Semiconductor MC33071PG Datasheet HTML 6Page - ON Semiconductor MC33071PG Datasheet HTML 7Page - ON Semiconductor MC33071PG Datasheet HTML 8Page - ON Semiconductor MC33071PG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
5
RL Connected
to Ground TA = 25°C
RL = 10 k
RL = 2.0 k
Figure 4. Maximum Power Dissipation versus
Temperature for Package Types
Figure 5. Input Offset Voltage versus
Temperature for Representative Units
Figure 6. Input Common Mode Voltage
Range versus Temperature
Figure 7. Normalized Input Bias Current
versus Temperature
Figure 8. Normalized Input Bias Current versus
Input Common Mode Voltage
Figure 9. Split Supply Output Voltage
Swing versus Supply Voltage
TA, AMBIENT TEMPERATURE (°C)
-55 -40 -20
0
20
40
60
80
100 120 140 160
8 & 14 Pin Plastic Pkg
SOIC-14 Pkg
SOIC-8 Pkg
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
VCM = 0
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC
VCC/VEE = +1.5 V/ -1.5 V to +22 V/ -22 V
VEE
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
VCM = 0
VIC, INPUT COMMON MODE VOLTAGE (V)
-12
-8.0
-4.0
0
4.0
8.0
12
VCC = +15 V
VEE = -15 V
TA = 25°C
VCC, |VEE|, SUPPLY VOLTAGE (V)
0
5.0
10
15
20
25
2400
2000
1600
1200
800
400
0
4.0
2.0
0
-2.0
-4.0
VCC
VCC -0.8
VCC -1.6
VCC -2.4
VEE +0.01
VEE
1.3
1.2
1.1
1.0
0.9
0.8
0.7
1.4
1.2
1.0
0.8
0.6
50
40
30
20
10
0


同様の部品番号 - MC33071PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33071PG ONSEMI-MC33071PG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071PG ONSEMI-MC33071PG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33071PG ONSEMI-MC33071PG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

同様の説明 - MC33071PG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com