データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC33071APG データシート(PDF) 9 Page - ON Semiconductor

部品番号 MC33071APG
部品情報  Single Supply 3.0 V to 44 V Operational Amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33071APG データシート(HTML) 9 Page - ON Semiconductor

Back Button MC33071APG Datasheet HTML 5Page - ON Semiconductor MC33071APG Datasheet HTML 6Page - ON Semiconductor MC33071APG Datasheet HTML 7Page - ON Semiconductor MC33071APG Datasheet HTML 8Page - ON Semiconductor MC33071APG Datasheet HTML 9Page - ON Semiconductor MC33071APG Datasheet HTML 10Page - ON Semiconductor MC33071APG Datasheet HTML 11Page - ON Semiconductor MC33071APG Datasheet HTML 12Page - ON Semiconductor MC33071APG Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
MC34071,2,4,A MC33071,2,4,A, NCV33072,4,A
http://onsemi.com
9
Figure 28. Normalized Slew Rate
versus Temperature
Figure 29. Output Settling Time
Figure 30. Small Signal Transient Response
Figure 31. Large Signal Transient Response
Figure 32. Common Mode Rejection
versus Frequency
Figure 33. Power Supply Rejection
versus Frequency
TA, AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
75
100
125
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k
CL = 500 pF
ts, SETTLING TIME (ms)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCC = +15 V
VEE = -15 V
AV = -1.0
TA = 25°C
10 mV
1.0 mV
1.0 mV
Compensated
Uncompensated
10 mV
1.0 mV
1.0 mV
2.0
ms/DIV
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k
CL = 300 pF
TA = 25°C
1.0
ms/DIV
f, FREQUENCY (Hz)
0.1
1.0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
TA = 25°C
TA = 125°C
TA = -55°C
VCC = +15 V
VEE = -15 V
VCM = 0 V
DVCM = ±1.5 V
f, FREQUENCY (Hz)
0.1
1.0
10
100
1.0 k
10 k
100 k
1.0 M 10 M
VCC = +15 V
VEE = -15 V
TA = 25°C
(
DVCC = +1.5 V)
(
DVEE = +1.5 V)
+PSR
-PSR
VCC = +15 V
VEE = -15 V
AV = +1.0
RL = 2.0 k
CL = 300 pF
TA = 25°C
1.15
1.1
1.05
1.0
0.95
0.9
0.85
10
5.0
0
-5.0
-10
0
0
100
80
60
40
20
0
100
80
60
40
20
0
DVCM
DVO
ADM
CMR = 20 Log
DVCM
DVO
x ADM
+
-
DVO
ADM
+
-
DVCC
DVEE
DVO/ADM
DVCC
+PSR = 20 Log
DVO/ADM
DVEE
-PSR = 20 Log


同様の部品番号 - MC33071APG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33071APG ONSEMI-MC33071APG Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC33071APG ONSEMI-MC33071APG Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33071APG ONSEMI-MC33071APG Datasheet
252Kb / 26P
   Operational Amplifiers
July, 2014 ??Rev. 22
More results

同様の説明 - MC33071APG

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC33074ADG ONSEMI-MC33074ADG Datasheet
268Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
May, 2013 ??Rev. 19
MC34071 ONSEMI-MC34071_06 Datasheet
297Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2006 ??Rev. 11
MC34071 ONSEMI-MC34071 Datasheet
268Kb / 22P
   Single Supply 3.0 V to 44 V Operational Amplifiers
April, 2004 ??Rev. 8
MC34071A ONSEMI-MC34071A_10 Datasheet
275Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2010 ??Rev. 16
MC34071 ONSEMI-MC34071_V01 Datasheet
527Kb / 26P
   Single Supply 3.0 V to 44 V Operational Amplifiers
October, 2021 - Rev. 24
MC33074ADR2G ONSEMI-MC33074ADR2G Datasheet
291Kb / 25P
   Single Supply 3.0 V to 44 V Operational Amplifiers
August, 2012 ??Rev. 18
MC33171 ONSEMI-MC33171_06 Datasheet
227Kb / 16P
   Single Supply 3.0 V to 44 V, Low Power Operational Amplifiers
October, 2006 ??Rev. 9
logo
Texas Instruments
OPA2171-EP TI1-OPA2171-EP_16 Datasheet
1Mb / 28P
[Old version datasheet]   36-V, Single-Supply, SOT553, General-Purpose Operational Amplifiers
OPA172IDR TI1-OPA172IDR Datasheet
2Mb / 29P
[Old version datasheet]   36-V Single-Supply 10-MHz Rail-to-Rail Output Operational Amplifiers
OPA172 TI1-OPA172 Datasheet
3Mb / 50P
[Old version datasheet]   36-V, Single-Supply, 10-MHz, Rail-to-Rail Output Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com