データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM11B-ZESS-TB データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 SM11B-ZESS-TB
部品情報  1.5mm pitch/Disconnectable Crimp style connectors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

SM11B-ZESS-TB データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  SM11B-ZESS-TB Datasheet HTML 1Page - List of Unclassifed Manufacturers SM11B-ZESS-TB Datasheet HTML 2Page - List of Unclassifed Manufacturers SM11B-ZESS-TB Datasheet HTML 3Page - List of Unclassifed Manufacturers SM11B-ZESS-TB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
ZE CONNECTOR
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
B
A
1.5
6.3
(3.4)
Circuit No.1 mark
〈2 to 5 circuits〉
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
B03B-ZESK-D
B04B-ZESK-D
B05B-ZESK-D
B06B-ZESK-D
B07B-ZESK-D
B08B-ZESK-D
B09B-ZESK-D
B10B-ZESK-D
B11B-ZESK-D
B12B-ZESK-D
B13B-ZESK-D
B14B-ZESK-D
B15B-ZESK-D
B16B-ZESK-D
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
2,496
1,984
1,664
1,408
1,216
1,088
960
896
832
768
704
640
576
576
512
A
B02B-ZESK-1D
B03B-ZESK-1D
B04B-ZESK-1D
B05B-ZESK-1D
B06B-ZESK-1D
B07B-ZESK-1D
B08B-ZESK-1D
B09B-ZESK-1D
B10B-ZESK-1D
B11B-ZESK-1D
B12B-ZESK-1D
B13B-ZESK-1D
B14B-ZESK-1D
B15B-ZESK-1D
B16B-ZESK-1D
Circuits
Without boss
Dimensions (mm)
Model No.
With boss
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural
Q’ty/
box
RoHS compliance This product displays (LF)(SN) on a label.
Note: Top entry type 2 circuits is only header with boss.
B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
S02B-ZESK-2D
S03B-ZESK-2D
S04B-ZESK-2D
S05B-ZESK-2D
S06B-ZESK-2D
S07B-ZESK-2D
S08B-ZESK-2D
S09B-ZESK-2D
S10B-ZESK-2D
S11B-ZESK-2D
S12B-ZESK-2D
S13B-ZESK-2D
S14B-ZESK-2D
S15B-ZESK-2D
S16B-ZESK-2D
1.5
3.0
4.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
6.0
7.5
9.0
10.5
12.0
13.5
15.0
16.5
18.0
19.5
21.0
22.5
24.0
25.5
27.0
1,872
1,488
1,248
1,056
912
816
720
672
624
576
528
480
432
432
384
A
Circuits
Q’ty/
box
Dimensions (mm)
Model No.
Material and Finish
Contact: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PA 66, UL94V-0, natural
RoHS compliance This product displays (LF)(SN) on a label.
Top entry type
Side entry type
B
5.75
A
1.65
1.5
(0.65)
2
3.8
Circuit No.1 mark
B
5.75
A
1.65
1.5
(0.65)
2
3.8
Circuit No.1 mark
B
5.75
A
2
3.8
1.65
1.5
(0.65)
Circuit No.1 mark
Top entry type
Side entry type
〈2 to 5 circuits〉
〈6 to 9 circuits〉〈6 to 9 circuits〉
〈10 to 16 circuits〉〈10 to 16 circuits〉
Through-hole type shrouded header
<For reference>
As the color identification, the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
B02B-ZESK-1D, S02B-ZESK-2D
S…natural Z…ivory E…blue K…black O…orange R…red Y…yellow M…green N…brown L…lemon yellow
TR…tomato red MG…moss green DP…dark purple DH…dark gray DO…dark orange LE…light blue PK…pink FY…vivid yellow DRK…dark pink


同様の部品番号 - SM11B-ZESS-TB

メーカー部品番号データシート部品情報
logo
JST Mfg. Co., Ltd.
SM11B-GEZS-TB JST-SM11B-GEZS-TB Datasheet
123Kb / 3P
   1.25 mm pitch竊뢈isconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM11B-GHS-TB ETC2-SM11B-GHS-TB Datasheet
93Kb / 2P
   1.25mm pitch/Disconnectable Crimp style connectors
logo
JST Mfg. Co., Ltd.
SM11B-GHS-TB JST-SM11B-GHS-TB Datasheet
842Kb / 5P
   1.25 mm pitch/Disconnectable Crimp style connectors
SM11B-NSHSS-TB JST-SM11B-NSHSS-TB Datasheet
638Kb / 4P
   NSH CONNECTOR 1.0 mm pitch/Disconnectable Crimp style connectors
logo
List of Unclassifed Man...
SM11B-SHLS-TF ETC2-SM11B-SHLS-TF Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

同様の説明 - SM11B-ZESS-TB

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
ZHR-8 ETC2-ZHR-8 Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
S6B-ZR-SM4A ETC-S6B-ZR-SM4A Datasheet
163Kb / 4P
   1.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B11B-ZR-SM3-TF ETC2-B11B-ZR-SM3-TF Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
SM02B-BHLS-1-TB ETC1-SM02B-BHLS-1-TB Datasheet
40Kb / 3P
   Disconnectable Crimp style connectors
B3P-VH ETC-B3P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
B3B-PH-SM3-TB ETC2-B3B-PH-SM3-TB Datasheet
182Kb / 7P
   Disconnectable Crimp style connectors
B3B-ZR ETC2-B3B-ZR Datasheet
244Kb / 7P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com