データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

1PS79SB10115 データシート(PDF) 1 Page - NXP Semiconductors

部品番号 1PS79SB10115
部品情報  Schottky barrier single diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

1PS79SB10115 データシート(HTML) 1 Page - NXP Semiconductors

  1PS79SB10115 Datasheet HTML 1Page - NXP Semiconductors 1PS79SB10115 Datasheet HTML 2Page - NXP Semiconductors 1PS79SB10115 Datasheet HTML 3Page - NXP Semiconductors 1PS79SB10115 Datasheet HTML 4Page - NXP Semiconductors 1PS79SB10115 Datasheet HTML 5Page - NXP Semiconductors 1PS79SB10115 Datasheet HTML 6Page - NXP Semiconductors 1PS79SB10115 Datasheet HTML 7Page - NXP Semiconductors 1PS79SB10115 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1PS79SB10
Schottky barrier single diode
14 August 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. Product profile
1.1 General description
Planar Schottky barrier diode with an integrated guard ring for stress protection,
encapsulated in a SOD523 (SC-79) ultra small Surface-Mounted Device (SMD) plastic
package.
1.2 Features and benefits
Low forward voltage
Guard ring protected
Ultra small plastic SMD package
AEC-Q101 qualified
1.3 Applications
Ultra high-speed switching
Voltage clamping
Protection circuits
Blocking diodes
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
-
-
200
mA
VR
reverse voltage
-
-
30
V
VF
forward voltage
IF = 10 mA; Tamb = 25 °C
-
-
400
mV
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
K
cathode[1]
2
A
anode
2
1
SOD523
aaa-003679
K
A
[1] The marking bar indicates the cathode.


同様の部品番号 - 1PS79SB10115

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
1PS79SB10 PHILIPS-1PS79SB10 Datasheet
47Kb / 8P
   Schottky barrier diode
1998 Jul 16
logo
Guangdong Kexin Industr...
1PS79SB10 KEXIN-1PS79SB10 Datasheet
35Kb / 1P
   Schottky Barrier Diode
logo
NXP Semiconductors
1PS79SB10 NXP-1PS79SB10 Datasheet
98Kb / 7P
   Schottky barrier diode
1998 Jul 16
logo
Nexperia B.V. All right...
1PS79SB10 NEXPERIA-1PS79SB10 Datasheet
1Mb / 8P
   Schottky barrier single diode
14 August 2012
More results

同様の説明 - 1PS79SB10115

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com