データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Z8S18020VSG データシート(PDF) 19 Page - Zilog, Inc.

部品番号 Z8S18020VSG
部品情報  Two Chain-Linked DMA Channels
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ZILOG [Zilog, Inc.]
ホームページ  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8S18020VSG データシート(HTML) 19 Page - Zilog, Inc.

Back Button Z8S18020VSG Datasheet HTML 15Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 16Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 17Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 18Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 19Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 20Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 21Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 22Page - Zilog, Inc. Z8S18020VSG Datasheet HTML 23Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 71 page
background image
<5<.
ZiLOG
'PJCPEGF </KETQRTQEGUUQT
&5</2
2 4 ' . + / + 0 # 4 ;

When
+1% = 0, the timing of the +143 and 4& signals match
the timing of the Z80. The
+143 and 4& signals go active
as a result of the rising edge of T2. (Figure 12.)
*#.6 CPF .QY2QYGT 1RGTCVKPI /QFGU Th e
Z8S180/Z8L180 can operate in seven modes with respect
to activity and power consumption:
Normal Operation
*#.6 Mode
+15612 Mode
5.''2 Mode
5;56'/ 5612 Mode
+&.' Mode
56#0&$; Mode (with or without 37+%- 4'%18
'4;)
0QTOCN 1RGTCVKQP In this state, the Z8S180/Z8L180 pro-
cessor is fetching and running a program. All enabled func-
tions and portions of the device are active, and the
*#.6
pin is High.
*#.6 /QFG This mode is entered by the *#.6 instruc-
tion. Thereafter, the Z8S180/Z8L180 processor continually
fetches the following opcode but does not execute it and
drives the
*#.6, 56 and / pins all Low. The oscillator
and
2*+ pin remain Active. Interrupts and bus granting to
external Masters, and DRAM refresh can occur, and all on-
chip I/O devices continue to operate including the DMA
channels.
(KIWTG  +1 4GCF CPF 9TKVG %[ENGU YKVJ +1%  
6
6
6W
6!
2*+
+143
4&
94
(KIWTG  +1 4GCF CPF 9TKVG %[ENGU YKVJ +1%  
6
6
6W
6!
2*+
+143
4&
94


同様の部品番号 - Z8S18020VSG

メーカー部品番号データシート部品情報
logo
Zilog, Inc.
Z8S18020VSC ZILOG-Z8S18020VSC Datasheet
387Kb / 70P
   ENHANCED Z180 MICROPROCESSOR
More results

同様の説明 - Z8S18020VSG

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
Infineon Technologies A...
PEB20534 INFINEON-PEB20534 Datasheet
4Mb / 439P
   DMA Supported Serial Communication Controller with 4 Channels
Version 2.1 May 2000
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
   Two Saturated Drive Channels
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
logo
Siemens Semiconductor G...
PEB20534 SIEMENS-PEB20534 Datasheet
1Mb / 442P
   DMA Supported Serial Communication Controller with 4 Channels DSCC4
logo
Exar Corporation
XR88C681J-F EXAR-XR88C681J-F Datasheet
2Mb / 101P
   Two Full Duplex, Independent Channels
logo
SONiX Technology Compan...
SN65042 SONIX-SN65042 Datasheet
169Kb / 7P
   Two Channels Direct Drive Speech Controller
logo
STMicroelectronics
SPC56XXMB STMICROELECTRONICS-SPC56XXMB Datasheet
58Kb / 4P
   Two LIN channels with jumper enable
logo
SONiX Technology Compan...
SN65061 SONIX-SN65061 Datasheet
168Kb / 7P
   Two Channels Direct Drive Speech Controller
SN65031 SONIX-SN65031 Datasheet
169Kb / 7P
   Two Channels Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com