データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FJV4114R データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FJV4114R
部品情報  PNP Epitaxial Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV4114R データシート(HTML) 1 Page - Fairchild Semiconductor

  FJV4114R Datasheet HTML 1Page - Fairchild Semiconductor FJV4114R Datasheet HTML 2Page - Fairchild Semiconductor FJV4114R Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, August 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
-50
V
VCEO
Collector-Emitter Voltage
-50
V
VEBO
Emitter-Base Voltage
-10
V
IC
Collector Current
-100
mA
PC
Collector Power Dissipation
200
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCBO
Collector-Base Breakdown Voltage
IC= -10µA, IE=0
-50
V
BVCEO
Collector-Emitter Breakdown Voltage
IC= -100µA, IB=0
-50
V
ICBO
Collector Cutoff Current
VCB= -40V, IE=0
-0.1
µA
hFE
DC Current Gain
VCE= -5V, IC= -5mA
68
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -10mA, IB= -0.5mA
-0.3
V
fT
Current Gain Bandwidth Product
VCE= -10V, IC=-5mA
200
MHz
Cob
Output Capacitance
VCB= -10V, IE=0
f=1.0MHz
5.5
pF
VI(off)
Input Off Voltage
VCE= -5V, IC= -100µA-0.5
V
VI(on)
Input On Voltage
VCE= -0.2V, IC= -5mA
-1.3
V
R1
Input Resistor
3.2
4.7
6.2
K
R1/R2
Resistor Ratio
0.09
0.1
0.11
FJV4114R
Switching Application (Bias Resistor Built In)
• Switching circuit, Inverter, Interface circuit, Driver Circuit
• Built in bias Resistor (R1 =4.7KΩ, R2=47KΩ)
• Complement to FJV3114R
Equivalent Circuit
B
E
C
R1
R2
R8 4
Marking
SOT-23
1. Base 2. Emitter 3. Collector
1
2
3


同様の部品番号 - FJV4114R

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FJV4114R FAIRCHILD-FJV4114R Datasheet
167Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV4114R ONSEMI-FJV4114R Datasheet
252Kb / 6P
   PNP Epitaxial Silicon Transistor
June 2016 Rev. 1.4
logo
Fairchild Semiconductor
FJV4114RMTF FAIRCHILD-FJV4114RMTF Datasheet
167Kb / 5P
   PNP Epitaxial Silicon Transistor with Bias Resistor
logo
ON Semiconductor
FJV4114RMTF ONSEMI-FJV4114RMTF Datasheet
252Kb / 6P
   PNP Epitaxial Silicon Transistor
June 2016 Rev. 1.4
More results

同様の説明 - FJV4114R

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com