データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FM20
部品情報  Ultra-Low-Power Analog Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM20 データシート(HTML) 4 Page - Fairchild Semiconductor

  FM20 Datasheet HTML 1Page - Fairchild Semiconductor FM20 Datasheet HTML 2Page - Fairchild Semiconductor FM20 Datasheet HTML 3Page - Fairchild Semiconductor FM20 Datasheet HTML 4Page - Fairchild Semiconductor FM20 Datasheet HTML 5Page - Fairchild Semiconductor FM20 Datasheet HTML 6Page - Fairchild Semiconductor FM20 Datasheet HTML 7Page - Fairchild Semiconductor FM20 Datasheet HTML 8Page - Fairchild Semiconductor FM20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FM20
PRODUCT SPECIFICATION
4
REV. 1.0.6 1/9/03
Typical Performance Characteristics
Figure 1. Quiescent Current vs. Temperature
Figure 2. Accuracy vs. Temperature
6
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
Temperature (
°C)
VDD = +5V
-5
-4
-3
-2
-1
0
1
2
3
-50
0
50
100
Temperature (
°C)
VDD =+5V
lower spec limit
upper spec limit
Applications Information
Mounting
The FM20 can be easily mounted by gluing or cementing it
to a surface. In this case, its temperature will be within about
0.2°C of the temperature of the surface it is attached to if the
ambient air temperature is almost the same as the surface
temperature. If the air temperature is much higher or lower
than the surface temperature, the actual temperature of the
FM20 die will be at an intermediate temperature between the
surface temperature and the air temperature.
To ensure good thermal conductivity, the backside of the
FM20 die is directly attached to the GND pin. The lands and
traces to the FM20 will, of course, be part of the printed
circuit board, which is the object whose temperature is being
measured. These printed circuit board lands and traces will
not cause the FM20’s temperature to deviate from the desired
temperature.
Alternatively, the FM20 can be mounted inside a sealed-end
metal tube, and can then be dipped into a bath or screwed
into a threaded hole in a tank. As with any IC, the FM20 and
accompanying wiring and circuits must be kept insulated and
dry to avoid leakage and corrosion. This is especially true if
the circuit may operate at cold temperatures where condensa-
tion can occur. Printed-circuit coatings and varnishes such as
Humiseal and epoxy paint or dips can be used to ensure that
moisture cannot corrode the FM20 or its connections.
Loading
The FM20 will handle sizable capacitive loads up to 300pF
without any special considerations. In an extremely noisy
environment it may be advisable to add some filtering to
minimize noise in the output voltage. It is also recommended
that a 0.1µF bypass capacitor be added between the supply
voltage and ground. This is due to the instant current demand
caused by switching CMOS transistors. Normally it is un-
advisable to put a sufficiently large supply (particularly in
portable electronics) to be able to handle the dynamic cur-
rents of CMOS transistors. It is a much simpler solution to
use a bypass capacitor to sustain the supply voltage during
this short demand period.


同様の部品番号 - FM20

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20 ETC2-FM20 Datasheet
35Kb / 2P
   External dimensions 1
logo
RFE international
FM200 RFE-FM200 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
   n Optional quick connect tabs for sensing
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
logo
RFE international
FM200 RFE-FM200 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

同様の説明 - FM20

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
Texas Instruments
TMP20 TI-TMP20_15 Datasheet
1Mb / 19P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20 TI1-TMP20 Datasheet
966Kb / 18P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
logo
Silicon Microstructures...
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
   Ultra-Low Pressure Analog Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605 Datasheet
130Kb / 5P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com