データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM20 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FM20
部品情報  Ultra-Low-Power Analog Temperature Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM20 データシート(HTML) 1 Page - Fairchild Semiconductor

  FM20 Datasheet HTML 1Page - Fairchild Semiconductor FM20 Datasheet HTML 2Page - Fairchild Semiconductor FM20 Datasheet HTML 3Page - Fairchild Semiconductor FM20 Datasheet HTML 4Page - Fairchild Semiconductor FM20 Datasheet HTML 5Page - Fairchild Semiconductor FM20 Datasheet HTML 6Page - Fairchild Semiconductor FM20 Datasheet HTML 7Page - Fairchild Semiconductor FM20 Datasheet HTML 8Page - Fairchild Semiconductor FM20 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.fairchildsemi.com
REV. 1.0.6 1/9/03
Features
• Analog Output, -11.77mV/°C
• Range, -55 to 130°C
• Accuracy, ±1°C at 25°C
• Supply Current, 9µA typical
• Output Drive, 1µA
• Self-heating < 0.021°C
• Operating Voltage: +2.4V to +6V
Applications
• Mobile Phones
• Computers
• Battery Management
• Office Equipment
•HVAC
• Power Supply Modules
• Disk Drives
• Automotive
Description
As a precision CMOS temperature sensor, the FM20 is
cost-effective for accurate low-power temperature
monitoring applications. Output voltage versus temperature
is extremely linear. With no load, the supply current is
typically 1µA. For normal operation, the load on VOUT
should be 5M
Ω or less.
In a typical application, a remotely mounted FM20 is
monitored by a microcontroller with an analog A/D
converter input. Alternatively, the FM20 can drive a
comparator with a high impedance input.
Accuracy is typically ±1°C at room temperature; and better
than ±2.5°C from 0 to 50°C.
Available packages are surface mount 5-pin SC70 and 3-pin
SOT-23.
Thermal Response
FM20 Output Voltage vs. Temperature
25
50
75
100
125
-25
-50 -40
0
1863.9
391
VOUT (mV)
Temperature (˚C)
Temperature (˚C) =
VOUT – 1863.9mV
–11.77mV/˚C
FM20
Ultra-Low-Power Analog Temperature Sensor


同様の部品番号 - FM20

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM20 ETC2-FM20 Datasheet
35Kb / 2P
   External dimensions 1
logo
RFE international
FM200 RFE-FM200 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
TE Connectivity Ltd
FM200 TEC-FM200 Datasheet
197Kb / 2P
   n Optional quick connect tabs for sensing
logo
Extech Instruments Corp...
FM200 EXTECH-FM200 Datasheet
271Kb / 1P
   FM200 Handheld Formaldehyde (CH2O or HCHO) Meter
logo
RFE international
FM200 RFE-FM200 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

同様の説明 - FM20

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STLM20 STMICROELECTRONICS-STLM20 Datasheet
186Kb / 17P
   Ultra-low Current 2.4V precision analog temperature sensor
STLM20 STMICROELECTRONICS-STLM20_07 Datasheet
156Kb / 16P
   Ultra-low current 2.4V precision analog temperature sensor
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
Texas Instruments
TMP20 TI-TMP20_15 Datasheet
1Mb / 19P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
TMP20 TI1-TMP20 Datasheet
966Kb / 18P
[Old version datasheet]   짹2.5째C Low-Power, Analog Out TEMPERATURE SENSOR
logo
Silicon Microstructures...
SM6250-DDN-T-050-000 SMI-SM6250-DDN-T-050-000 Datasheet
358Kb / 5P
   Ultra-Low Pressure Analog Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_09 Datasheet
125Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 3; 12/09
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
MAX6605 MAXIM-MAX6605 Datasheet
130Kb / 5P
   Low-Power Analog Temperature Sensor in SC70 Package
Rev 0; 10/00
logo
Fairchild Semiconductor
FM50 FAIRCHILD-FM50_04 Datasheet
41Kb / 8P
   Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com