データシートサーチシステム |
|
FM24C16U データシート(PDF) 7 Page - Fairchild Semiconductor |
|
FM24C16U データシート(HTML) 7 Page - Fairchild Semiconductor |
7 / 14 page 7 www.fairchildsemi.com FM24C16U/17U Rev. A.3 Background Information (IIC Bus) IIC bus allows synchronous bi-directional communication be- tween a TRANSMITTER and a RECEIVER using a Clock signal (SCL) and a Data signal (SDA). Additionally there are up to three Address signals (A2, A1 and A0) which collectively serve as "chip select signal" to a device (example EEPROM) on the IIC bus. All communication on the IIC bus must be started with a valid START condition (by a MASTER), followed by transmittal (by the MASTER) of byte(s) of information (Address/Data). For every byte of information received, the addressed RECEIVER provides a valid ACKNOWLEDGE pulse to further continue the communication unless the RECEIVER intends to discontinue the communication. Depending on the direction of transfer (Write or Read), the RE- CEIVER can be a SLAVE or the MASTER. A typical IIC communi- cation concludes with a STOP condition (by the MASTER). Addressing an EEPROM memory location involves sending a command string with the following information: [DEVICE TYPE]—[DEVICE/PAGE BLOCK SELECTION]—[R/W BIT]—{acknowledge pulse}—[ARRAY ADDRESS] Slave Address Slave Address is an 8-bit information consisting of a Device type field (4bits), Device/Page block selection field (3bits) and Read/ Write bit (1bit). Slave Address Format Acknowledge Acknowledge is an active LOW pulse on the SDA line driven by an addressed receiver to the addressing transmitter to indicate receipt of 8-bits of data. The receiver provides an ACK pulse for every 8-bits of data received. This handshake mechanism is done as follows: After transmitting 8-bits of data, the transmitter re- leases the SDA line and waits for the ACK pulse. The addressed receiver, if present, drives the ACK pulse on the SDA line during the 9th clock and releases the SDA line back (to the transmitter). Refer Figure 3. Array Address Array address is an 8-bit information containing the address of a memory location to be selected within a page block of the device. 16K bit Addressing Limitation: Standard IIC specification limits the maximum size of EEPROM memory on the bus to 16K bits. This limitation is due to the addressing protocol implemented which consists of the 8-bit Slave Address and an additional 8-bit field called Array Address. This Array Address selects 1 out of 256 locations (28=256). Since the data format of IIC specification is 8-bit wide, a total of 256 x 8 = 2048 = 2K bits now becomes addressable by this 8-bit Array Address. These 2K bits are typically referred as a “Page Block”. Combining this 8-bit Array Address with the 3-bit Device/Page address (part of Slave Address) allows a maximum of 8 pages (23=8) of memory that can be addressed. Since each page is 2K bits in size, 8 x 2K bit = 16K bits is the maximum size of memory that is addressable on the Standard IIC bus. This 16Kb of memory can be in the form of a single 16Kb EEPROM device or multiple EEPROMs of varying density (in 2Kb multiples) to a maximum total of 16Kb. To address the needs of systems that require more than 16Kb on the IIC bus, a different specification called “Ex- tended IIC Specification” is used. DEFINITIONS WORD 8 bits (byte) of data PAGE 16 sequential byte locations starting at a 16-byte address boundary, that may be pro- grammed during a "page write" programming cycle PAGE BLOCK 2048 (2K) bits organized into 16 pages of addressable memory. (8 bits) x (16 bytes) x (16 pages) = 2048 bits MASTER Any IIC device CONTROLLING the transfer of data (such as a microprocessor) SLAVE Device being controlled (EEPROMs are always considered Slaves) TRANSMITTER Device currently SENDING data on the bus (may be either a Master or Slave). RECEIVER Device currently RECEIVING data on the bus (Master or Slave) Device Type Identifier Device/Page Block Selection 1 0 1 0 A2 A1 A0 R/W (LSB) Device Type IIC bus is designed to support a variety of devices such as RAMs, EPROMs etc., along with EEPROMS. Hence to properly identify various devices on the IIC bus, a 4-bit “Device Type” identifier string is used. For EEPROMS, this 4-bit string is 1-0-1-0. Every IIC device on the bus internally compares this 4-bit string to its own “Device Type” string to ensure proper device selection. Device/Page Block Selection When multiple devices of the same type (e.g. multiple EEPROMS) are present on the IIC bus, then the A2, A1 and A0 address information bits are also used as part of the Slave Address. Every IIC device on the bus internally compares this 3-bit string to its own physical configuration (A2, A1 and A0 pins) to ensure proper device selection. This comparison is in addition to the “Device Type” comparison. In addition to selecting an EEPROM, these 3 bits are also used to select a “page block” within the selected EEPROM. Each page block is 2Kbit (256Bytes) in size. Depend- ing on the density, an EEPROM can contain from a minimum of 1 to a maximum of 8 page blocks (in multiples of 2) and selection of a page block within a device is by using A2, A1 and A0 bits. Read/Write Bit Last bit of the Slave Address indicates if the intended access is Read or Write. If the bit is "1," then the access is Read, whereas if the bit is "0," then the access is Write. |
同様の部品番号 - FM24C16U |
|
同様の説明 - FM24C16U |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |